Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW-210
Description  PRINTED CIRCUIT TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW-210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW-210 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-210 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW-210 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.stancor.com

P R i N T E D C i R C u i T T R A N S F O R M E R S
sTAncoR
Ratedoutput
DImensIons-Inches
PART
Primary
Individual
series
Parallel
Weight Agency✳
sec. nUmBeR Winding Ac/Dc Volts
mA
Volts
mA
Volts mA
VA
h
W
l
mW
A
B
c
(lbs.)
certif.
A
SW-210
Single
AC
5.0
110
10.0 C.T.
110
5.0
220
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-210
Dual
AC
5.0
110
10.0 C.T.
110
5.0
220
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-310
Single
AC
5.0
250
10.0 C.T.
250
5.0
500
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-310
Dual
AC
5.0
250
10.0 C.T.
250
5.0
500
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-410
Single
AC
5.0
600
10.0 C.T.
600
5.0
1200
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-410
Dual
AC
5.0
600
10.0 C.T.
600
5.0
1200
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-510
Single
AC
5.0 1200
10.0 C.T. 1200
5.0
2400
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-510
Dual
AC
5.0 1200
10.0 C.T. 1200
5.0
2400
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
B
SW-212
Single
AC
6.3
90
12.6 C.T
90
6.3
180
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-212
Dual
AC
6.3
90
12.6 C.T
90
6.3
180
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-312
Single
AC
6.3
200
12.6 C.T
200
6.3
400
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-312
Dual
AC
6.3
200
12.6 C.T
200
6.3
400
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-412
Single
AC
6.3
500
12.6 C.T
500
6.3
1000
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-412
Dual
AC
6.3
500
12.6 C.T
500
6.3
1000
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-512
Single
AC
6.3 1000
12.6 C.T 1000
6.3
2000
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-512
Dual
AC
6.3 1000
12.6 C.T 1000
6.3
2000
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
SW-612
Single
AC
6.3 1600
12.6 C.T 1600
6.3
3200
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
C
SW-216
Single
AC
8.0
70
16.0 C.T.
70
8.0
140
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-316
Single
AC
8.0
150
16.0 C.T.
150
8.0
300
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-316
Dual
AC
8.0
150
16.0 C.T.
150
8.0
300
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-416
Single
AC
8.0
400
16.0 C.T.
400
8.0
800
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-416
Dual
AC
8.0
400
16.0 C.T.
400
8.0
800
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-516
Single
AC
8.0
800
16.0 C.T.
800
8.0
1600
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-516
Dual
AC
8.0
800
16.0 C.T.
800
8.0
1600
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
SW-616
Single
AC
8.0 1250
16.0 C.T. 1250
8.0
2500
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
DSW-616
Dual
AC
8.0 1250
16.0 C.T. 1250
8.0
2500
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
D
DSW-220
Dual
AC
10.0
55
20.0 C.T.
55
10.0
110
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-320
Single
AC
10.0
120
20.0 C.T.
120
10.0
240
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-320
Dual
AC
10.0
120
20.0 C.T.
120
10.0
240
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-420
Single
AC
10.0
300
20.0 C.T.
300
10.0
600
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-420
Dual
AC
10.0
300
20.0 C.T.
300
10.0
600
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-520
Single
AC
10.0
600
20.0 C.T.
600
10.0
1200
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-520
Dual
AC
10.0
600
20.0 C.T.
600
10.0
1200
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
SW-620
Single
AC
10.0 1000
20.0 C.T. 1000
10.0
2000
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
DSW-620
Dual
AC
10.0 1000
20.0 C.T. 1000
10.0
2000
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
“side-Winder”
(sW)
“Side-Winder” SW/DSW Series
All Single Primaries are 115V 50/60Hz, 6 Pins
All Dual Primaries are 115/230V 50/60Hz, 8 Pins
“Side-Winder” SW/DSW part numbers continued on page 28.
For schematic diagrams and outline drawings refer to page 29.
Dual“side-Winder”
(DsW)
✳
Agency Certification Note:
UL Recognized (File E68100)
1.1VA Size – UL Class 2 & 3 available
CSA Certified (File LR67965)


Similar Part No. - SW-210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-210 ETC1-SW-210 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - SW-210

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Mill-Max Mfg. Corp.
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
logo
Altech corporation
30.102 ALTECH-30.102 Datasheet
66Kb / 2P
FIXED PRINTED CIRCUIT
34.102 ALTECH-34.102 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
logo
List of Unclassifed Man...
DST-4-20 ETC2-DST-4-20 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
PRINTED CIRCUIT CONNECTOR
logo
Mill-Max Mfg. Corp.
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
PRINTED CIRCUIT PINS
logo
RENCO ELECTRONICS, INC.
RL-2231 RENCO-RL-2231 Datasheet
87Kb / 2P
FLAT/TRAN LOW PROFILE PRINTED CIRCUIT MOUNT TRIPLE OUTPUT POWER TRANSFORMERS
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com