Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR15033-TN5-R Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # UR15033-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR15033-TN5-R Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  UR15033-TN5-R Datasheet HTML 1Page - E-Tech Electronics LTD UR15033-TN5-R Datasheet HTML 2Page - E-Tech Electronics LTD UR15033-TN5-R Datasheet HTML 3Page - E-Tech Electronics LTD UR15033-TN5-R Datasheet HTML 4Page - E-Tech Electronics LTD UR15033-TN5-R Datasheet HTML 5Page - E-Tech Electronics LTD UR15033-TN5-R Datasheet HTML 6Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR15033
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R102-020.D
2 CHANNEL LOW-DROPOUT
VOLTAGE REGULATOR
FEATURES
*Dual output: 5.0V/1A, 3.3V/1A.
*Output voltage precision of ±2%.
*Output consists of PNP power transistor with low-dropout
voltage.
*Built-in over current protection circuit (OCP).
*Built-in thermal shut down circuit (TSD).
*Ideal for hard disk drives applications.
*Pb-free plating product number: UR15033L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UR15033-TN5-R
UR15033L-TN5-R
TO-252-5
Tape Reel
UR15033-TN5-T
UR15033L-TN5-T
TO-252-5
Tube
UR15033L-TN5-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) TN5: TO-252-5
(3) L: Lead Free Plating, Blank: Pb/Sn
PIN DESCRIPTIONS
PIN NO.
PIN NAME
PIN FUNCTION
1
Vcc
Power Supply
2
N.C.
Not Internally Connected
3
GND
Ground
4
VO1
5.0V Output
5
VO2
3.3V Output


Similar Part No. - UR15033-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR15033-TN5-R UTC-UR15033-TN5-R Datasheet
210Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR15033-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5025 UTC-UR5025 Datasheet
160Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5033 UTC-UR5033 Datasheet
160Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR10033 UTC-UR10033 Datasheet
113Kb / 7P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 UTC-UR13325 Datasheet
186Kb / 8P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR15033 UTC-UR15033 Datasheet
210Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR10033 ETL-UR10033 Datasheet
107Kb / 7P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 ETL-UR13325 Datasheet
180Kb / 8P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR10033 UTC-UR10033_15 Datasheet
222Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com