Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT71XXL-AF5-B-R Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # UT71XXL-AF5-B-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UT71XXL-AF5-B-R Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  UT71XXL-AF5-B-R Datasheet HTML 1Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 2Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 3Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 4Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 5Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 6Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 7Page - E-Tech Electronics LTD UT71XXL-AF5-B-R Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT71XX
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-017.L
THREE-TERMINAL LOW POWER
VOLTAGE REGULATORS
DESCRIPTION
The UTC UT71XX series is a set of three- Terminal low power
voltage regulators implemented in CMOS technology. They are
available with several fixed output voltages ranging from 1.5V~7.0V.
The advantage of CMOS technology is low voltage dropout and low
quiescent current.
Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain variable
voltages and currents.
FEATURES
* Accurate output voltage range (±2.4%)
* Low power consumption
* Low voltage dropout
* Low temperature coefficient
* Wide operating voltage (24V Max.)
TO-92
1
SOT-25
SOT-89
1
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead free
Halogen Free
1234
5
UT71XXL-AB3-C-R
UT71XXG-AB3-C-R
SOT-89
G
I
O
-
-
Tape Reel
UT71XXL-AF5-B-R
UT71XXG-AF5-B-R
SOT-25
G
I
O
N
N
Tape Reel
UT71XXL-T92-B-B
UT71XXG-T92-B-B
TO-92
O
G
I
-
-
Tape Box
UT71XXL-T92-B-K
UT71XXG-T92-B-K
TO-92
O
G
I
-
-
Bulk
UT71XXL-T92-C-B
UT71XXG-T92-C-B
TO-92
G
I
O
-
-
Tape Box
UT71XXL-T92-C-K
UT71XXG-T92-C-K
TO-92
G
I
O
-
-
Bulk
Note: Pin assignment: I: VIN
O: VOUT
G: Ground


Similar Part No. - UT71XXL-AF5-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XXL-AB3-C-R UTC-UT71XXL-AB3-C-R Datasheet
181Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XXL-AB3-C-R UTC-UT71XXL-AB3-C-R Datasheet
219Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results

Similar Description - UT71XXL-AF5-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX Datasheet
181Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
HT10XX UTC-HT10XX Datasheet
118Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_11 Datasheet
239Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_10 Datasheet
219Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT10XX ETL-UT10XX Datasheet
252Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
Three-terminal Voltage Regulators
logo
Unisonic Technologies
UT10XX UTC-UT10XX_14 Datasheet
245Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com