Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062IDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TL062IDT
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062IDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TL062IDT Datasheet HTML 7Page - STMicroelectronics TL062IDT Datasheet HTML 8Page - STMicroelectronics TL062IDT Datasheet HTML 9Page - STMicroelectronics TL062IDT Datasheet HTML 10Page - STMicroelectronics TL062IDT Datasheet HTML 11Page - STMicroelectronics TL062IDT Datasheet HTML 12Page - STMicroelectronics TL062IDT Datasheet HTML 13Page - STMicroelectronics TL062IDT Datasheet HTML 14Page - STMicroelectronics TL062IDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
TL062, TL062A, TL062B
12/15
Doc ID 2294 Rev 4
5.1
DIP8 package information
Figure 20.
DIP8 package outline
Table 5.
DIP8 package mechanical data
Note:
Dimensions "D" and "E1" do not include mold flash, protrusions or gate burrs. Mold flash,
protrusions or gate burrs shall not exceed 0.25 mm in total (both sides). Datum plane "H"
coincides with the bottom of the lead, where the lead exits the body.
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com