Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL062
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062 Datasheet(HTML) 5 Page - STMicroelectronics

  TL062 Datasheet HTML 1Page - STMicroelectronics TL062 Datasheet HTML 2Page - STMicroelectronics TL062 Datasheet HTML 3Page - STMicroelectronics TL062 Datasheet HTML 4Page - STMicroelectronics TL062 Datasheet HTML 5Page - STMicroelectronics TL062 Datasheet HTML 6Page - STMicroelectronics TL062 Datasheet HTML 7Page - STMicroelectronics TL062 Datasheet HTML 8Page - STMicroelectronics TL062 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TL062, TL062A, TL062B
Electrical characteristics
Doc ID 2294 Rev 4
5/15
tr
Rise time
Vi = 20 mV, RL = 10 kΩ,
CL = 100 pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 15)
Vi = 20 mV, RL = 10 kΩ, CL = 100 pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100 Ω, f = 1 kHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature
as possible.
Table 3.
VCC = ±15 V, Tamb = +25 °C (unless otherwise specified) (continued)
Symbol
Parameter
TL062I
TL062C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------
Table 4.
VCC = ±15 V, Tamb = +25 °C (unless otherwise specified)
Symbol
Parameter
TL062AC, AI
TL062BC, BI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input offset voltage (RS = 50 Ω)
Tamb = +25 °C
Tmin ≤ Tamb ≤ Tmax
33
7.5
23
5
mV
DVio
Temperature coefficient of input offset voltage
(RS = 50 Ω)
10
10
µV/°C
Iio
Input offset current(1)
Tamb = +25 °C
Tmin ≤ Tamb ≤ Tmax
5100
3
5
100
3
pA
nA
Iib
Input bias current(1)
Tamb = +25 °C
Tmin ≤ Tamb ≤ Tmax
30
200
7
30
200
7
nA
Vicm
Input common mode voltage range
±11.5
+15
-12
±11.5
+15
-12
Vopp
Output voltage swing (RL = 10 kΩ)
Tamb = +25 °C
Tmin ≤ Tamb ≤ Tmax
20
20
27
20
20
27
V
Avd
Large signal voltage gain
RL = 10 kΩ, Vo = ±10 V,
Tamb = +25 °C
Tmin ≤ Tamb ≤ Tmax
4
4
64
4
6
V/mV
GBP
Gain bandwidth product
Tamb = +25 °C, RL =10 kΩ, CL = 100 pF
11
MHz
Ri
Input resistance
1012
1012
Ω
CMR
Common mode rejection ratio
RS = 50 Ω
80
86
80
86dB
SVR
Supply voltage rejection ratio
RS = 50 Ω
8095
8095
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com