Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBAT49FILM Datasheet(PDF) 2 Page - STMicroelectronics

Part # TMBAT49FILM
Description  Small signal Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TMBAT49FILM Datasheet(HTML) 2 Page - STMicroelectronics

  TMBAT49FILM Datasheet HTML 1Page - STMicroelectronics TMBAT49FILM Datasheet HTML 2Page - STMicroelectronics TMBAT49FILM Datasheet HTML 3Page - STMicroelectronics TMBAT49FILM Datasheet HTML 4Page - STMicroelectronics TMBAT49FILM Datasheet HTML 5Page - STMicroelectronics TMBAT49FILM Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics
TMBAT49
2/6
Doc ID 3484 Rev 2
1
Characteristics
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
80
V
IF
Forward continuous current
Tj = 70 °C
500
mA
IFRM
Repetitive peak forward current
tp = 1 s
δ ≤ 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10 ms
10
A
Tstg
Storage temperature range
- 65 to +150
°C
Tj
Operating junction temperature range
- 65 to +125
°C
TL
Maximum lead soldering temperature during 15 s
260
°C
Table 2.
Thermal parameter
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
110
°C/W
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp ≤ 300 µs, δ < 2%
Reverse leakage current Tj = 25 °C
VR = 80 V
-
-
200
µA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 10 mA
-
-
0.32
V
IF = 100 mA
-
-
0.42
IF = 1 A
-
-
1
Table 4.
Dynamic characteristics (Tj = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
Diode capacitance
F = 1 MHz
VR = 0 V
-
120
-
pF
VR = 5 V
-
35
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com