Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG2RTP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MG2RTP
Description  Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RTP Datasheet(HTML) 2 Page - ATMEL Corporation

  MG2RTP_14 Datasheet HTML 1Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 2Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 3Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 4Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 5Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 6Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 7Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 8Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
4116M–AERO–06/06
MG2RTP
The MG2RTP Library allows straight forward migration from the MG1, MG1RT, MG2 and
MG2RT Sea of Gates.
A netlist based on this library can be simulated as either MG2RTP or MG2RT. It can also be sim-
ulated as MG2, provided there are no SEU Free cells.
Table 1. List of Available MG2RTP Matrices
Note:
1. Not available for new designs.
Libraries
The MG2RTP cell library has been designed to take full advantage of the features offered by
both logic and test synthesis tools.
Design testability is assured by the full support of SCAN, JTAG (IEEE 1149) and BIST
methodologies.
More complex macro functions are available in VHDL, such as Two-Wire Interface (TWI), UART,
Timer.
Block Generators
Block generators are used to create a customer specific simulation model and metallisation pat-
tern for regular functions like RAM and DPRAM. The basic cell architecture allows one bit per
cell for RAM and DPRAM. The main characteristics of these generators are summarized below.
Type
Total Gates
Typical Usable Gates
Maximum
Programmable I/Os
Total Pads
MG2044P
44616
31200
146
165
MG2142P
142128
99500
262
281
MG2270P(1)
270015
189000
360
377
Function
Maximum
Size (bits)
Bits/Word
Typical Characteristics (16K bits) at5V
Access Time (ns)
Used cells
RAM
32K
1-36
12
20K
DPRAM
32K
1-36
14
23K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com