Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT882 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HT882
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT882 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HT882 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT882 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT882 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT882 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200205
Issued Date : 1993.05.15
Revised Date : 2002.05.03
Page No. : 1/4
HT882
HSMC Product Specification
HT882
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HT882 is designed for using in output stage of 1w audio amplifier,
voltage regulator, DC-DC converter and relay driver.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ....................................................................................... 1 W
Total Power Dissipation (Tc=25
°C) ..................................................................................... 10 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage....................................................................................... 40 V
BVCEO Collector to Emitter Voltage.................................................................................... 30 V
BVEBO Emitter to Base Voltage............................................................................................ 5 V
IC Collector Current (DC) ...................................................................................................... 3 A
IC Collector Current (Pulse) .................................................................................................. 7 A
IB Base Current (DC) ......................................................................................................... 0.6 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA
BVCEO
30
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
1
uA
VCB=30V
IEBO
-
-
1
uA
VEB=3V
*VCE(sat)
-
0.3
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
1
2
V
IC=2A, IB=0.2A
*hFE1
30
150
-
IC=20mA, VCE=2V
*hFE2
100
200
500
IC=1A, VCE=2V
fT
-
90
-
MHz
IC=0.1A, VCE=5V
Cob
-
45
-
pF
VCB=10V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
250-500
TO-126


Similar Part No. - HT882

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT8 LSTD-HT8 Datasheet
583Kb / 2P
Power Cycling Reliability
logo
Hirose Electric
HT801/DF59-22P HIROSE-HT801/DF59-22P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2224P HIROSE-HT801/DF59M-2224P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2628P HIROSE-HT801/DF59M-2628P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results

Similar Description - HT882

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com