Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5750C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T5750C
Description  UHF ASK/FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5750C Datasheet(HTML) 2 Page - ATMEL Corporation

  T5750C_14 Datasheet HTML 1Page - ATMEL Corporation T5750C_14 Datasheet HTML 2Page - ATMEL Corporation T5750C_14 Datasheet HTML 3Page - ATMEL Corporation T5750C_14 Datasheet HTML 4Page - ATMEL Corporation T5750C_14 Datasheet HTML 5Page - ATMEL Corporation T5750C_14 Datasheet HTML 6Page - ATMEL Corporation T5750C_14 Datasheet HTML 7Page - ATMEL Corporation T5750C_14 Datasheet HTML 8Page - ATMEL Corporation T5750C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
T5750C [DATASHEET]
4546H–RKE–03/14
2
1.
Description
The Atmel® T5750C is a PLL transmitter IC which has been developed for the demands of RF low-cost transmission
systems at data rates up to 32kBaud. The transmitting frequency range is 868 MHz to 928 MHz. It can be used in both FSK
and ASK systems.
Figure 1-1. System Block Diagram
Micro-
controller
PLL
UHF ASK/FSK
Remote control receiver
UHF ASK/FSK
Remote control transmitter
T5750C
T5760/
T5761
LNA
VCO
PLL
XTO
LNA
VCO
Antenna
Demod
IF Amp
Control
1 to 3
Encoder
ATARx9x
XTO
1 Li cell
Keys
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com