Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTIP112 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HTIP112
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTIP112 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTIP112 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTIP112 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTIP112 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HTIP112 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200203
Issued Date : 2000.08.01
Revised Date : 2002.03.28
Page No. : 1/4
HTIP112
HSMC Product Specification
HTIP112
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HTIP112 is designed for use in general purpose amplifier and low-
speed switching applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ........................................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................................ +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C)................................................................................................. 50 W
Total Power Dissipation (Ta=25
°C)................................................................................................... 2 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage ................................................................................................. 100 V
BVCEO Collector to Emitter Voltage .............................................................................................. 100 V
BVEBO Emitter to Base Voltage ....................................................................................................... 5 V
IC Collector Current (Continue) ......................................................................................................... 4 A
IC Collector Current (Peak)................................................................................................................ 6 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=1mA
BVCEO
100
-
-
V
IC=30mA
ICBO
-
-
1
mA
VCB=100V
ICEO
-
-
2
mA
VCE=50V
IEBO
-
-
2
mA
VEB=5V
*VCE(sat)
-
-
2.5
V
IC=2A, IB=8mA
*VBE(on)
-
-
2.8
V
IC=2A, VCE=4V
*hFE1
1
-
-
K
IC=1A, VCE=4V
*hFE2
500
-
-
IC=2A, VCE=4V
Cob
-
-
200
pF
VCB=10V, f=0.1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Darlington Schematic
R2
R1
C
E
B
TO-220


Similar Part No. - HTIP112

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HTIP117 HSMC-HTIP117 Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTIP117D HSMC-HTIP117D Datasheet
46Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HTIP112

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com