Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTIP31C Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HTIP31C
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTIP31C Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTIP31C Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTIP31C Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTIP31C Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6721
Issued Date : 1993.09.24
Revised Date : 2002.03.04
Page No. : 1/3
HTIP31C
HSMC Product Specification
HTIP31C
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HTIP31C is designed for use in general purpose amplifier and
switching applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) ..................................................................................... 40 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage..................................................................................... 100 V
BVCEO Collector to Emitter Voltage.................................................................................. 100 V
BVEBO Emitter to Base Voltage............................................................................................ 5 V
IC Collector Current............................................................................................................... 3 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=1mA, IE=0
BVCEO
100
-
-
V
IC=30mA, IC=0
ICES
-
-
200
uA
VCE=100V, IB=0
ICEO
-
-
300
uA
VCE=60V, IB=0
IEBO
-
-
1
mA
VEB=5V, IC=0
*VCE(sat)
-
-
1.2
V
IC=3A, IB=375mA
*VBE(on)
-
-
1.8
V
IC=3A, VCE=4V
*hFE1
25
-
-
IC=1A, VCE=4V
*hFE2
10
-
50
IC=3A, VCE=4V
fT
3
-
-
MHz
IC=0.5A, VCE=10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-220


Similar Part No. - HTIP31C

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HTIP32C HSMC-HTIP32C Datasheet
32Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HTIP31C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com