Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T351003 Datasheet(PDF) 1 Page - E-SWITCH

Part # T351003
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T351003 Datasheet(HTML) 1 Page - E-SWITCH

  T351003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL6110BF300QP
6/18/2013
T351003
A
rc
1
1
34
1
PC MOUNTING
2
12
SCHEMATIC
1
2
3
4
4
2
A
21167
New Release
6/18/13
rc
3.00
[.118 in]
.50
[.020 in]
5.08
[.200 in]
2.54
[.100 in]
4.00
[.157 in]
8.30
[.327 in]
4.00
[.157 in]
5.00
[.197 in]
.30
[.012 in]
5.80
[.228 in]
3.52 .50
.139 .020 in
[]
5.25
[.207 in]
8.00
[.315 in]
9.50 .50
.374 .020 in
[]
7.80 .50
.307 .020 in
[]
7.70
[.303 in]
5.08
[.200 in]
2.54
[.100 in]
1.10
[.043 in]
.90
[.035 in]
NOTES
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
0.4
X.XX=
0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 300
50gf
5. OPERATING LIFE: 500,000 CYCLES
6. TRAVEL: 0.5
0.15mm
7. CONTACT RATING: 12VDC @ 50mA
8. CONTACT RESISTANCE: 100m W MAX
9. INSULATION RESISTANCE: 100M W MIN @ 100VDC.
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -40
C TO 85C
12. PACKAGING: TUBE 52 PCS. PER TUBE
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
MOUNTING
HOLES
2 PLS


Similar Part No. - T351003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T351000 E-SWITCH-T351000 Datasheet
119Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351001 E-SWITCH-T351001 Datasheet
136Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351002 E-SWITCH-T351002 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351004 E-SWITCH-T351004 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351005 E-SWITCH-T351005 Datasheet
119Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T351003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com