Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTIP47 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HTIP47
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTIP47 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HTIP47 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTIP47 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTIP47 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6726-A
Issued Date : 1998.07.01
Revised Date : 1999.08.01
Page No. : 2/3
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
10
100
10
100
1000
Collector Current (mA)
VCE=10V
Saturation Voltage & Collector Current
10
100
1000
1
10
100
1000
Collector Current (mA)
VCE(sat) @ IC=5IB
On Voltage & Collector Current
0.1
1
1
10
100
1000
Collector Current (mA)
VBE(on) @ VCE=10V
Cutoff Frequency & Collector Current
10
100
1
10
100
1000
Collector Current (mA)
VCE=10V
Safe Operating Area
0.01
0.1
1
10
1
10
100
1000
Forward Voltage-VCE (V)
PT=1s
PT=100ms
PT=1ms
Capacitance & Reverse-Biased Voltage
1
10
100
1
10
100
Reverse Biased Voltage (V)
Cob



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com