Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L103C330 Datasheet(PDF) 4 Page - Bi technologies

Part # L103C330
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

L103C330 Datasheet(HTML) 4 Page - Bi technologies

  L103C330 Datasheet HTML 1Page - Bi technologies L103C330 Datasheet HTML 2Page - Bi technologies L103C330 Datasheet HTML 3Page - Bi technologies L103C330 Datasheet HTML 4Page - Bi technologies L103C330 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-40
Model L Series
L
Logo
Lead #1 Indicator
Model
Series
Resistance Code
Date
Code
Number
Of Leads
Circuit Type
Factory Code
8 3 C
103
Logo
4 Leads Only
Lead #1 Indicator
Resistance Code
Date
Code
Circuit Type & I.D. Code
B 104
TYPICAL PART MARKING
PACKAGING
Standard:
Bulk:
Quantity
=
500 (Europe)
200 Units (USA/Asia)
Option:
Tape in Ammo Box (Steel pins only).
All Units oriented with lead #1 to the left of direction of feed.
Tape:
Width
=
18mm
Pitch
=
12.7mm
Ammo Box:
Capacity
=
1,000 Units
Option:
Magazine
Dimensions conform to EIA & JEDEC standards.
All Units oriented with lead #1 to the same side.
Magazine:
Material
=
Antistatic Plastic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com