Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC200 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MCC200
Description  Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC200 Datasheet(HTML) 3 Page - IXYS Corporation

  MCC200 Datasheet HTML 1Page - IXYS Corporation MCC200 Datasheet HTML 2Page - IXYS Corporation MCC200 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2004 IXYS All rights reserved
3 - 3
MCC 200
MCD 200
IXYS reserves the right to change limits, test conditions and dimensions
I2dt
T
C
t
110
104
105
106
A2s
0
25
50
75
100
125
150
0
100
200
300
400
I
TSM
I
FSM
A
A
C
I
TAVM
I
FAVM
s
T
VJ = 45°C
ms
t
s
t
Z
thJC
K/W
T
VJ = 125°C
0.001
0.01
0.1
1
0
2000
4000
6000
8000
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 125°C
180° sin
120°
60°
30°
DC
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
0
200
400
600
0
300
600
900
1200
1500
1800
2100
W
P
tot
A
I
dAVM
T
A
C
0
25
50
75
100
125
150
0
100
200
300
0
100
200
300
400
W
P
tot
A
I
TRMS/IFRMS
T
A
C
R
thKA K/W
0.1
0.2
0.3
0.4
0.6
0.8
1.0
180° sin
120°
60°
30°
DC
Circuit
B6
0.03
0.04
0.06
0.08
0.1
0.15
0.2
R
thKA K/W
120°
180°
DC
60°
30°
Fig. 7
Power dissipation versus on-state current and
ambient temperature (per thyristor or diode)
Fig. 4 Surge overload current
I
TSM / FSM: Crest value, t: duration
Fig. 5
Ι2dt versus time (1-10 ms)
Fig. 6
Maximum forward current
at case temperature
Fig. 9 Transient thermal impedance junction to case at various condition angles (per thyristor or diode)
Constants for Z
thJC calculation (DC):
iR
thi (K/W)
t
i (s)
1
0.01
0.00014
2
0.0065
0.019
3
0.025
0.18
4
0.0615
0.52
5
0.027
1.6
Fig. 8
3
~ rectifier bridge: Power dissipation versus
direct output current and ambient temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com