Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD200 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCD200
Description  Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD200 Datasheet(HTML) 1 Page - IXYS Corporation

  MCD200 Datasheet HTML 1Page - IXYS Corporation MCD200 Datasheet HTML 2Page - IXYS Corporation MCD200 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2004 IXYS All rights reserved
1 - 3
MCC 200
MCD 200
IXYS reserves the right to change limits, test conditions and dimensions
I
TRMS
= 2x340 A
I
TAVM
= 2x196 A
V
RRM = 1400-1800 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1500 1400
MCC 200-14io1 MCD 200-14io1
1700 1600
MCC 200-16io1 MCD 200-16io1
1900 1800
MCC 200-18io1 MCD 200-18io1
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
Features
• International standard package
• Direct copper bonded Al
2O3 -ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
• Keyed gate/cathode twin pins
Applications
• Motor control
• Power converter
• Heat and temperature control for
industrial furnaces and chemical
processes
• Lighting control
• Contactless switches
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power
cycling
• Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
TRMS / IFRMS
T
VJ = TVJM
340
A
I
TAVM / IFAVM
T
C = 90°C; 180° sine
196
A
T
C = 85°C; 180° sine
216
A
I
TSM / IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
8000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
8600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
7000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
7500
A
∫∫∫∫∫i2dt
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
320 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
311 000
A2s
T
VJ = TVJM;
t = 10 ms (50 Hz), sine
245 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
236 000
A2s
(di/dt)
cr
T
VJ = TVJM;
repetitive; I
T = 500 A
100
A/µs
f = 50Hz; t
P = 200µs;
V
D =
2/
3 VDRM;
I
G = 0.5 A;
non repetitive; I
T = 500 A
500
A/µs
di
G/dt = 0.5 A/µs
(dv/dt)
cr
T
VJ = TVJM; VDR =
2/
3 VDRM
1000
V/µs
R
GK =
∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM; tP =
30 µs
120
W
I
T = ITAVM;
t
P = 500 µs
60
W
P
GAV
20
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS;
t = 1 min
3000
V~
I
ISOL
≤ 1 mA;
t = 1 s
3600
V~
M
d
Mounting torque (M6)
2.25-2.75/20-25 Nm/lb.in.
Terminal connection torque (M6)
4.5-5.5/40-48 Nm/lb.in.
Weight
Typical including screws
125
g
Thyristor Modules
1
2
3
6 7
5
4
36 7 1
5 4 2
31
5 4 2
MCC
MCD


Similar Part No. - MCD200

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD200 IXYS-MCD200 Datasheet
94Kb / 3P
Thyristor Modules
logo
New Jersey Semi-Conduct...
MCD200-16IO1 NJSEMI-MCD200-16IO1 Datasheet
265Kb / 4P
Thyristor/ Diode Module
logo
IXYS Corporation
MCD200-18IO1 IXYS-MCD200-18IO1 Datasheet
190Kb / 6P
Thyristor Module
More results

Similar Description - MCD200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com