Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX-8564LC Datasheet(PDF) 1 Page - Epson Company

Part # RX-8564LC
Description  REAL TIME CLOCK MODULE (I2C-Bus)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RX-8564LC Datasheet(HTML) 1 Page - Epson Company

  RX-8564LC Datasheet HTML 1Page - Epson Company RX-8564LC Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Real time clock module
Block diagram
Overview
Control 1
Seconds
Minutes
Hours
Days
Month / Century
Control 2
Weekdays
Years
Minutes Alarm
Hour Alarm
Day Alarm
Weekday Alarm
Timer Control
CLKOUT frequency
Timer
00
0F
OUTPUT
CONTROL
CONTROL
LOGIC
POR
OSC
32.768 kHz
CRYSTAL
CLKOUT
CLKOE
DIVIDER
Voltage Detector
ADDRESS
REGISTER
I
2C-BUS
INTERFACE
/ INT
SCL
SDA
Interface Type
•I
2C-Bus Interface.(Hi-speed bus specifications 400kHz)
I2C-Bus slave address:read A3h and write A2h
 Low Timekeeper voltage range
•1.0
V to5.5V/ Ta=-20Cto+70C
•1.1
V to5.5V/ Ta=-40Cto+85C
32.768 kHz frequency output function
•CLKOUT pin output (C-MOS output ), CL=30 pF
•CLKOE pin enables output on/off control.
•Output selectable
<32.768
kHz,1024Hz,32Hz,1Hz>
The various interrupt function
•Timer function can be set up between 1/4096 second and
255 minutes.
• Alarm function can be set to any combination of day of
week, hour, or minute.
Pin Function
Terminal connection
/External dimensions
(Unit
׃
mm)
Signal Name Input/Output
Function
SCL
Input
Serial clock input pin.
SDA
Bi-directional Data input and output pin.
CLKOUT
Output
CLKOE
Input
32.768
kHzclock output pin with the
output control function. (C-MOS)
CLKOE pin control the condition of
CLKOUT with FE-bit, etc.
CLKOE pin
input
FE
bit
CLKOUT pin
output
1
Output
(C-MOS)
HIGH
0
OFF
(LOW)
1
OFF
(LOW)
LOW
0
OFF
(LOW)
/INT
Output
Interrupt output (
N-ch open drain)
VDD
-
Connected to a positive power supply.
GND
-
Connected to a ground.

RTC
8564JE
1. N.C.
20. N.C.
2. N.C.
19. N.C.
3. CLKOE
18. N.C.
4. VDD
17. N.C.
5. CLKOUT
16. N.C.
6. SCL
15. N.C.
7. SDA
14. N.C.
8. (
GND)
13. N.C.
9. GND
12. N.C.
10. /
INT
1.5Max.
5.4
6.00.2
11. N.C.
VSOJ20 pin

RTC
8564NB
1. /
INT
22.
N.C.
2. GND
21.
N.C.
3. (
GND)
20.
N.C.
4. N.C.
19.
N.C.
5. SDA
18.
N.C.
6. SCL
17.
N.C.
7. CLKOUT
16.
N.C.
8. VDD
15.
N.C.
9. CLKOE
14.
N.C.
10. N.C.
13.

11. N.C.
4.8
5.00.2
1.30.1
12.

SON22 pin
RX8564LC
1. N.C.
12.
N.C.
2. N.C.
11.
CLKOE
3. N.C.
10.
VDD
4. N.C.
9. CLKOUT
5. /
INT
8. SCL
6. GND
2.4
2.8
7. SDA
VSOJ
12pin
The metal case inside of the molding compound may be exposed on the top or bottom of this product.
This purely cosmetic and does not have any effect on quality, reliability or electrical specs.
Specifications (characteristics)
 Refer to application manual for details.
Current consumption characteristics
Ta=-40Cto+85C
Item
Symbol
Conditions
Min.
Typ. Max. Unit
Current
Consumtion
IBK
fSCL=0Hz
CLKOE
=GND
CLKOUT
;
output OFF
(LOW)
VDD
=
5V
-
330
800
nA
VDD
=
3V
-
275
700
I32k
fSCL=0Hz
CLKOE
=VDD
CLKOUT
;
32.768
kHz output ON
(Output=OPEN ;
CL
=0pF)
VDD
=
5V
-
2.5
3.4
A
VDD
=
3V
-
1.5
2.2
RTC-8564JE
RTC-8564NB
REAL TIME CLOCK MODULE (I2C-Bus)
Low current consumption
RTC - 8564JE/NB
RX - 8564 LC
Built in frequency adjusted 32.768 kHz crystal unit.
Interface Type
׃
I2C-Bus Interface (400
kHz)
Operating voltage range
׃
1.8
Vto5.5V
Timekeeper voltage range
׃
1.0
Vto5.5V/-20C to +70C
Low backup current
׃
275
nA/3.0V(Typ.)
32.768 kHz frequency output function
׃
C-MOS output With Control Pin
The various functions include full calendar, alarm, timer,
and power supply voltage monitoring function
* The I
2C-Bus is a trademark of NXP Semiconductors
Product Number (Please contact us)
RTC-8564JE : Q41856471000100
RTC-8564NB : Q41856492000200
RX-8564LC : Q418564C2xxxx00
RX-8564LC
Recommended Operating Conditions
Item
Symbol
Conditions
Min.
Typ. Max. Unit
Power voltage
VDD
-
1.8
3.0
5.5
V
Clock voltage
VCLK
-
VLOW
3.0
5.5
V
Operating
temperature
TOPR
-
-40
+25
+85
°C
Low voltage detection
Item
Symbol
Conditions
Typ. Max. Unit
Low voltage
detection
VLOW
JE,NB
Ta
=-20C+70C
0.9
1.0
V
Ta
=-40C+85C
0.9
1.1
V
LC
Ta
=-20C+70C
0.9
1.2
V
Ta
=-40C+85C
0.9
1.3
V
Frequency characteristics
Item
Symbol
Conditions
Rating
Unit
Frequency
tolerance
f/f
Ta
=+25°C
VDD
=3.0V
B: 523*
106
* Please ask for tighter tolerance. (Equivalent to 1 minute of monthly deviation)
*Stop using the glue
Any glue must never use it after soldering LC-package to a circuit board.This product has glass on the back side of a package.When glue invasions
between circuit board side and glass side, then glass cracks by thermal expansion of glue.In this case a crystal oscillation stops.Consider glue
abolition or glue do not touch to LC-package


Similar Part No. - RX-8564LC

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
Epson Company
RX-8564LC EPSON-RX-8564LC Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
More results

Similar Description - RX-8564LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
Real-time Clock Module (I2C Bus)
PT7C4363 PERICOM-PT7C4363 Datasheet
545Kb / 22P
Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
Real-time Clock Module (I2C Bus)
logo
Epson Company
RA-8565SA EPSON-RA-8565SA Datasheet
287Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com