Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP-40 Datasheet(PDF) 1 Page - CUI INC

Part # PDP-40
Description  4-PIN POWER DIN PLUG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDP-40 Datasheet(HTML) 1 Page - CUI INC

  PDP-40 Datasheet HTML 1Page - CUI INC PDP-40 Datasheet HTML 2Page - CUI INC PDP-40 Datasheet HTML 3Page - CUI INC PDP-40 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6.5 0.256
3
1
2
4
1.5 0.059
(4 PLCS)
0.2
0.5
0.957
24.3
6.0 0.236
0.5
36.0 1.417
14.0 0.551
10.8 0.425
SCALE: 1:2
7.8 0.307
0.472
12.0
0.394
10.0
1.0
50.0 1.969
19.5 0.768
SPECIFIED
METAL SLEEVE
Brass
ABS
A
MATERIAL
SPRING
INNER HOOD
STRAIN RELIEF
PLATING
PVC
Brass
±0.2mm UNLESS OTHERWISE
TOLERANCE:
Nickel
CLAMP
LIFE: 5,000 CYCLES
ABS
Steel
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
RATING: 20V DC @ 7.5A
SPECIFICATIONS:
Website: www.cui.com
RoHS
Nickel
METAL COVER
Brass
PLASTIC RING
POM
Silver
Brass/PBT
PIN/BODY
Nickel
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
OUTER HOOD
2:1
4-PIN POWER DIN PLUG
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
PDP-40
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
PDP-40
ZRJ
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
12/1/2008


Similar Part No. - PDP-40

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PDP-40 CUID-PDP-40 Datasheet
281Kb / 3P
POWER DIN PLUG
08/05/2022
More results

Similar Description - PDP-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
logo
Assmann Electronics Inc...
AB440-R ASSMANN-AB440-R Datasheet
122Kb / 1P
DIN 5 Pin Female - MINI Din 6 Pin Male
AB961 ASSMANN-AB961 Datasheet
122Kb / 1P
DIN 5 Pin Male - MINI Din 6 Pin Female
logo
Adam Technologies, Inc.
MDP-XX-LT ADAM-TECH-MDP-XX-LT Datasheet
115Kb / 1P
MINI DIN POWER PLUG
logo
CUI INC
PD-40V CUI-PD-40V Datasheet
93Kb / 2P
4 PIN POWER DIN
PD-40VS CUI-PD-40VS Datasheet
97Kb / 2P
4 PIN POWER DIN
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
logo
Schurter Inc.
4850.1410 SCHURTER-4850.1410 Datasheet
228Kb / 2P
4850, 4-pole, Plug, solder terminal, DIN Plug/Socket
4850.1410 SCHURTER-4850.1410_V01 Datasheet
240Kb / 2P
, 4-pole, Plug, solder terminal, DIN Plug/Socket
4850.1410 SCHURTER-4850.1410_V02 Datasheet
240Kb / 2P
, 4-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com