Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL3NK40 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL3NK40
Description  N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3NK40 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL3NK40 Datasheet HTML 8Page - STMicroelectronics STL3NK40 Datasheet HTML 9Page - STMicroelectronics STL3NK40 Datasheet HTML 10Page - STMicroelectronics STL3NK40 Datasheet HTML 11Page - STMicroelectronics STL3NK40 Datasheet HTML 12Page - STMicroelectronics STL3NK40 Datasheet HTML 13Page - STMicroelectronics STL3NK40 Datasheet HTML 14Page - STMicroelectronics STL3NK40 Datasheet HTML 15Page - STMicroelectronics STL3NK40 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STL3NK40
12/16
DocID16246 Rev 2
Table 10.
PowerFLAT™ 5x5 type S mechanical dimensions
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.0
A1
0.02
0.05
A2
0.25
b0.30
0.50
D5.00
D1
4.05
4.25
E5.00
E1
0.64
0.79
E2
2.25
2.45
e1.27
L0.45
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com