Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30C2116 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS30C2116
Description  USERS MANUAL
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C2116 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS30C2116 Datasheet HTML 85Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 86Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 87Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 88Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 89Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 90Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 91Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 92Page - Hynix Semiconductor GMS30C2116 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 322 page
background image
INSTRUCTION SET
3-25
Register
L0 : $C000FFFF
L1 : $2
Instruction
SARI
L0, $4
; L0 = $FC000FFF
SAL
L0, L1
; L0 = $F0003FFF
SHRI
L0, $4
; L0 = $0C000FFF
SHL
L0, L1
; L0 = $30003FFF
3.16 Rotate Left Instruction
The destination operand is shifted left by a number of bit positions and the bits shifted out
are inserted in the vacated bit positions; thus, the destination operand is rotated. The
condition flags are set or cleared accordingly. Bits 4..0 of the source operand specify a
rotation by 0..31 bit positions; bits 31..5 of the source operand are ignored.
The destination operand is interpreted as a bit-string of 32 bits.
Format
Notation
Operation
LL
ROL
Ld, Ls
Ld := Ld rotated left by Ls(4..0);
Z := Ld = 0;
N := Ld(31);
V := undefined;
C := undefined;
Note: The condition flags are set or cleared by the same rules applying to the Shift Left
instructions.
Register
L0 : $C000FFFF
L1 : $4
Instruction
ROL
L0, L1
; L0 = $000FFFFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com