Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30C2232 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS30C2232
Description  16/32 BIT RISC/DSP
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C2232 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS30C2232 Datasheet HTML 12Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 13Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 14Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 15Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 16Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 17Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 18Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 19Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 320 page
background image
0-6
CHAPTER 0
• DSP Add and Subtract instructions:
signed halfword add and subtract with and without fixed-point adjustment
⇒ single
word sum and difference
• Floating-point instructions are architecturally fully integrated, they are executed as
Software instructions by the present version. Floating-point Add, Subtract, Multiply,
Divide, Compare and Compare unordered for single and double-precision, and Convert
single
⇔ double are provided.
Exceptions:
• Pointer, Privilege, Frame and Range Error, Extended Overflow, Parity Error, Interrupt
and Trace mode exception
• Watchdog function
• Error-causing instructions can be identified by backtracking, thus allowing a very
detailed error analysis
Timer:
• Two multifunctional timers
Bus Interface:
• Separate address bus of 26 (GMS30C2232) or 22 (GMS30C2216) bits and data bus of
up to 32 (GMS30C2232) or 16 bits (GMS30C2216) provide a throughput of four or
two bytes at each clock cycle
• Data bus width of 32, 16 or 8 bits, individually selectable for each external memory area.
• 8-bit, 16-bit, and 32-bit boot width selectable via two external pins.
• 5V tolerant input
• Configurable I/O pins
• Internal generation of all memory and I/O control signals
• Wait pin function for I/O accesses to peripheral devices.
• Wait pin function for memory accesses to address space MEM2.
• On-chip DRAM controller supporting Fast-Page-Mode DRAMs and EDO DRAMs.
• Up to seven vectored interrupts
• Control function for CLKOUT pin.
Power Management:
• Operating voltage : 3.3V ±0.3V.
• Lower power supply current in power-down mode.
• Clock-Off function to further reduce power dissipation (Sleep Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com