Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30000EVA Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GMS30000EVA
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30000EVA Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GMS30000EVA Datasheet HTML 14Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 15Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 16Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 17Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 18Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 19Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 20Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 21Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 105 page
background image
2 - 1
CHAPTER 2. Architecture
BLOCK DESCRIPTION
Characteristics
The GMS340 series can incorporate maximum 1024 words (64 words ¡¿ 16
pages ¡¿ 8bits) for program memory. Program counter PC (A0~A5) and page
address register (A6~A9) are used to address the whole area of program
memory having an instruction (8bits) to be next executed.
The program memory consists of 64 words on each page, and thus each page
can hold up to 64 steps of instructions.
The program memory is composed as shown below.
0 1
2 3
4 5
6 7
8
63
Program counter (PC)
Page address register (PA)
Page buffer (PB)
6
4
(Level ¡È1¡È)
(Level ¡È2¡È)
(Level ¡È3¡È)
(PRS)
(SR)
Stack
register
Page 0
Page 1
Page 2
Page 15
A0~A5
0
1
2
15
A6~A9
Program capacity (pages)
Fig 2-1 Configuration of Program Memory
Chapter 2. Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com