Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 9Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 10Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 11Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 12Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 13Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 14Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 15Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 16Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
13
8. PIN DESCRIPTIONS (GMS81C2120)
VDD: Supply voltage.
VSS: Circuit ground.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
AVSS: ADC circuit ground.
RESETB: Reset the MCU.
XI: Input to the inverting oscillator amplifier and input to
the internal clock operating circuit.
XO: Output from the inverting oscillator amplifier.
RA(Vdisp): RA is one-bit high-voltage input only port pin.
In addition, RA serves the functions of the Vdisp special
features. Vdisp is used as a high-voltage input power supply
pin when selected by the mask option..
R00~R07: R0 is an 8-bit high-voltage CMOS bidirectional
I/O port. R0 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs. In addition, R0
serves the functions of the various following special fea-
tures.
R20~R27: R2 is an 8-bit high-voltage CMOS bidirectional
I/O port. R2 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R53~R57: R5 is an 5-bit CMOS bidirectional I/O port. R5
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R5 serves the func-
tions of the various following special features.
R60~R67: R6 is an 8-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R6 is shared with the
ADC input.
Port pin
Alternate function
RA
Vdisp (High-voltage input power supply)
Port pin
Alternate function
R00
R01
R02
R03
INT0 (External interrupt 0)
INT1 (External interrupt 1)
EC0 (Event counter input)
BUZO (Buzzer driver output)
Port pin
Alternate function
R53
R54
R55
R56
SCLK (Serial clock)
SIN (Serial data input)
SOUT (Serial data output)
PWM1O (PWM1 Output)
T1O (Timer/Counter 1 output)
Port pin
Alternate function
R60
R61
R62
R63
R64
R66
R66
R67
AN0 (Analog Input 0)
AN1 (Analog Input 1)
AN2 (Analog Input 2)
AN3 (Analog Input 3)
AN4 (Analog Input 4)
AN5 (Analog Input 5)
AN6 (Analog Input 6)
AN7 (Analog Input 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com