Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCO-708 Datasheet(PDF) 1 Page - Epson Company

Part # TCO-708
Description  CRYSTAL OSCILLATOR (SPXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

TCO-708 Datasheet(HTML) 1 Page - Epson Company

  TCO-708 Datasheet HTML 1Page - Epson Company TCO-708 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Specifications (characteristics)
Item
Symbol
TCO-708*X1A*
TCO-708*D1A*
Conditions / Remarks
Output frequency range
f0
1.500 MHz to 160.000 MHz
1.500 MHz to 75.000 MHz Please contact us about available
frequencies.
Supply voltage
VCC
3.3 V
5.0 V
As per description below
Storage temperature range
T_stg
-55
C to +125 C
Storage as single product.
Operating temperature range
T_use
As per description below
Frequency tolerance
f_tol
As per description below
Current consumption
ICC
20 mA Max.
20 mA Max.
f0 < 30 MHz, No load condition.
40 mA Max.
30 MHz ≤ f0 ≤ 75 MHz, No load condition.
50 mA Max.
–
75 MHz < f0≤ 160 MHz, No load condition.
Symmetry
SYM
40 % to 60 %
50 % VCC level
Output voltage
VOH
90 % VCC Min.
IOH=-5mA(X1A) / -8mA(D1A)
VOL
10 % VCC Max.
IOL=+5mA(X1A) / +8mA(D1A)
Output load condition (CMOS) L_CMOS
15 pF Max.
Input voltage
VIH
70 % VCC Min.
VIH or OPEN : Enable
VIL
30 % VCC Max.
VIL or GND : Disable
Rise time / Fall time
tr / tf
6 ns Max.
10 ns Max.
f0 ≤ 75 MHz,
10 % VCC to 90 % VCC level
3 ns Max.
–
75 MHz < f0 ≤160 MHz,
10 % VCC to 90 % VCC level
Start-up time
t_str
10 ms Max.
Time at minimum supply voltage to be 0 s
Frequency aging
f_aging
5  10-6 / year Max.
+25
C, First year
Product Name
TCO-708 5 X1 A 1 56.750000MHz
(Standard form)
①
②③
④
⑤
①Model
②Frequency tolerance
③Supply voltage
④Operating temperature range
⑤Frequency
*Only ±50×10
-6,±100×10-6 are available
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
②Frequency tolerance
5
±25 × 10
-6
6
±50 × 10
-6
7
±100 × 10
-6
③Supply voltage
X
3.3 V Typ.
D
5.0 V Typ.
④Operating temperature range
Blank
0 to +70°C
1
-10 to +70°C
2
-20 to +70°C
4*
-40 to +85°C
CRYSTAL OSCILLATOR (SPXO)
OUTPUT : CMOS
TCO - 708x series
Frequency range
:
1.5 MHz to 160 MHz
Supply voltage
:
3.3 V Typ. / 5.0 V Typ.
External dimensions: 7.0 × 5.0 × 1.6 mm
Function
:
Standby ( ST )
Product Number (please contact us)
X1G0002x1xxxx00
Note:
STpin = HIGH or “Open” : Specified frequency output.
STpin = LOW : Output is high impedance, oscillation stop.
Pin map
Pin
CONNECTION
1
ST
2
GND
3
OUT
4
VCC
#2
C
C (ex. 0.01 µF)
1.8
5.08
#1
#3
#4
Resist
1.4±0.15
C0.5
5.08±0.15
7.0±0.2
#4
#1
#3
#2
D1A
813K
E
56.750
To maintain stable operation, provide a 0.01uF to
0.1uF by-pass capacitor at a location as near as
possible to the power source terminal of the crystal
product (between Vcc - GND).


Similar Part No. - TCO-708

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-7085D1A EPSONTOYOCOM-TCO-7085D1A Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
TCO-7085D1A1 EPSONTOYOCOM-TCO-7085D1A1 Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
TCO-7085D1A2 EPSONTOYOCOM-TCO-7085D1A2 Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
TCO-7085D1A4 EPSONTOYOCOM-TCO-7085D1A4 Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
More results

Similar Description - TCO-708

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-310 EPSONTOYOCOM-SG-310 Datasheet
227Kb / 1P
CRYSTAL OSCILLATOR SPXO
logo
Epson Company
SG-210STF EPSON-SG-210STF Datasheet
376Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG-211 EPSON-SG-211 Datasheet
340Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG-3030CM EPSON-SG-3030CM Datasheet
401Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG-3030LC EPSON-SG-3030LC Datasheet
401Kb / 1P
CRYSTAL OSCILLATOR (SPXO)
SG5032CAN EPSON-SG5032CAN Datasheet
404Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Seiko Instruments Inc
SG-636PTF SII-SG-636PTF Datasheet
400Kb / 3P
CRYSTAL OSCILLATOR (SPXO)
SG2016CAN SII-SG2016CAN Datasheet
419Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7106 SII-TCO-7106 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7107 SII-TCO-7107 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com