Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C32 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS90C32
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C32 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS90C32 Datasheet HTML 17Page - Hynix Semiconductor GMS90C32 Datasheet HTML 18Page - Hynix Semiconductor GMS90C32 Datasheet HTML 19Page - Hynix Semiconductor GMS90C32 Datasheet HTML 20Page - Hynix Semiconductor GMS90C32 Datasheet HTML 21Page - Hynix Semiconductor GMS90C32 Datasheet HTML 22Page - Hynix Semiconductor GMS90C32 Datasheet HTML 23Page - Hynix Semiconductor GMS90C32 Datasheet HTML 24Page - Hynix Semiconductor GMS90C32 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
17
† indicates resident in the GMS9XX54/56/58, not in 9XX51/52.
Table 3. Contents of SFRs, SFRs in Numeric Order
Address
Register
Bit 7
6543
210
80H
P0
81H
SP
82H
DPL
83H
DPH
87H
PCON
SM O D
---
GF1
GF0
PDE
IDLE
88H
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
89H
TMOD
GATE
C/T
M1
MT
GATE
C/T
M1
M0
8AH
TL0
8BH
TL1
8CH
TH0
8DH
TH1
8EH
AUXR0 †
----
---
A0 †
90H
P1
98H
SCON
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
99H
SBUF
A0H
P2
A8H
IE
EA
-
ET2
ES
ET1
EX1
ET0
EX0
B0H
P3
B8H
IP
-
-
PT2
PS
PT1
PX1
PT0
PX0
SFR bit and byte addressable
SFR not bit addressable
- : this bit location is reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com