Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C320PL50 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS90C320PL50
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320PL50 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS90C320PL50 Datasheet HTML 10Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 11Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 12Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 13Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 14Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 15Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 16Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 17Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
GMS90C320
10
OCT. 2000 Ver 1.2
Special Function Registers
All registers, except the program counter and the four general purpose register banks, reside in the special function register
area.
The 27 special function registers (SFR) include pointers and registers that provide an interface between the CPU and the other
on-chip peripherals. There are also 128 directly addressable bits within the SFR area.
All SFRs are listed in Table 1, Table 2,and Table 3.
In Table 1 they are organized in numeric order of their addresses. In Table 2 they are organized in groups which refer to the
functional blocks of the GMS90C320. Table 3 illustrates the contents of the SFRs.
Table 1
Special Function Registers in Numeric Order of their Addresses
Address
Register
Contents after
Reset
Address
Register
Contents after
Reset
80H
81H
82H
83H
84H
85H
86H
87H
P01)
SP
DPL
DPH
reserved
reserved
reserved
PCON
1)
: Bit-addressable Special Function Register
FFH
07H
00H
00H
XXH2)
XXH2)
XXH2)
0XXX0000B2)
2)
: X means that the value is indeterminate and the location is reserved
A0H
A1H
A2H
A3H
A4H
A5H
A6H
A7H
P21)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
FFH
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
88H
89H
8AH
8BH
8CH
8DH
8EH
8FH
TCON1)
TMOD
TL0
TL1
TH0
TH1
reserved
reserved
00H
00H
00H
00H
00H
00H
XXH2)
XXH2)
A8H
A9H
AAH
ABH
ACH
ADH
AEH
AFH
IE1)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
0X000000B2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
90H
91H
92H
93H
94H
95H
96H
97H
P11)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
FFH
00H
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
B0H
B1H
B2H
B3H
B4H
B5H
B6H
B7H
P31)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
FFH
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
98H
99H
9AH
9BH
9CH
9DH
9EH
9FH
SCON1)
SBUF
reserved
reserved
reserved
reserved
reserved
reserved
00H
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
B8H
B9H
BAH
BBH
BCH
BDH
BEH
BFH
IP1)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
XX000000B2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)
XXH2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com