Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C52 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GMS90C52
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C52 Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GMS90C52 Datasheet HTML 26Page - Hynix Semiconductor GMS90C52 Datasheet HTML 27Page - Hynix Semiconductor GMS90C52 Datasheet HTML 28Page - Hynix Semiconductor GMS90C52 Datasheet HTML 29Page - Hynix Semiconductor GMS90C52 Datasheet HTML 30Page - Hynix Semiconductor GMS90C52 Datasheet HTML 31Page - Hynix Semiconductor GMS90C52 Datasheet HTML 32Page - Hynix Semiconductor GMS90C52 Datasheet HTML 33Page - Hynix Semiconductor GMS90C52 Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
GMS90 Series
26
Oct. 2000 Ver 3.1a
DC Characteristics
DC Characteristics for GMS90C31/32, GMS90C51/52/54/56/58
VCC=5V+ 10%, -15%; VSS=0V; TA=0°Cto70°C
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Max.
Input low voltage
(except EA, RESET)
VIL
-0.5
0.2VCC -0.1
V-
Input low voltage (EA)VIL1
-0.5
0.2VCC -0.3
V-
Input low voltage (RESET)
VIL2
-0.5
0.2VCC +0.1
V-
Input high voltage (except
XTAL1, EA, RESET)
VIH
0.2VCC +0.9
VCC +0.5
V-
Input high voltage to XTAL1
VIH1
0.7VCC
VCC +0.5
V-
Input high voltage to EA,
RESET
VIH2
0.6VCC
VCC +0.5
V-
Output low voltage
(ports 1, 2, 3)
VOL
-0.45
V
IOL=1.6mA 1)
Output low voltage
(port0,ALE,PSEN)
VOL1
-0.45
V
IOL=3.2mA 1)
Output high voltage
(ports 1, 2, 3)
VOH
2.4
0.9VCC
-V
IOH=-80µA
IOH=-10µA
Output high voltage
(port 0 in external bus
mode, ALE, PSEN)
VOH1
2.4
0.9VCC
-V
IOH=-800µA 2)
IOH=-80µA 2)
Logic 0 input current
(ports 1, 2, 3)
IIL
-10
-50
µA
VIN=0.45V
Logical 1-to-0 transition cur-
rent (ports 1, 2, 3)
ITL
-65
-650
µA
VIN=2.0V
Input leakage current
(port 0, EA)
ILI
-
±1
µA
0.45
< VIN < VCC
Pin capacitance
CIO
-10
pF
fC=1MHz
TA=25°C
Power supply current:
Active mode, 12MHz 3)
Idle mode, 12MHz 3)
Active mode, 24 MHz 3)
Idle mode, 24MHz 3)
Active mode, 40 MHz 3)
Idle mode, 40 MHz 3)
Power Down Mode 3)
ICC
ICC
ICC
ICC
ICC
ICC
IPD
-
-
-
-
-
-
-
21
4.8
36.2
8.2
58.5
12.5
50
mA
mA
mA
mA
mA
mA
µA
VCC=5V 4)
VCC=5V 5)
VCC=5V 4)
VCC=5V 5)
VCC=5V 4)
VCC=5V 5)
VCC=5V 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com