Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLM50G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLM50G
Description  GLC50 Commercial/GLM50 Medical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLM50G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLM50G Datasheet HTML 1Page - List of Unclassifed Manufacturers GLM50G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLC50 Commercial/GLM50 Medical
Ac Input
90-264 Vac, 47-63 Hz single phase..
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load: 1.5 A
Hold-Up Time
15 ms minimum from loss of ac input at full load, nominal line (115 Vac).
Output Power
50 W continuous, 60 W peak. Peak ratings are for 60 s maximum duration,
10% duty cycle. During peak load condition, output regulation may exceed
total regulation limits.
Output Regulation
To maintain specified regulation on multi-output models, output #1 load
power must be at least 1/5th of, and not greater than 5 times output #2 load
power.
Overload Protection
Fully protected against short circuit and output overload. Short circuit pro-
tection is cycling type power limit on outputs 1 & 2; foldback type on output
3. Recovery after fault is automatic. See output ratings chart for additional
notes or conditions.
Efficiency
70-85% at full rated load, nominal input voltage, depending on model and
load distribution.
Minimum Load
Operating without minimum load will not degrade reliability, but regula-
tion may be affected. Multiple output models require 20% minimum load
on V1 for proper regulation. Single models require 5% minimum load when
a transient load greater than 30% is applied or removed, but will operate
without load.
Input Protection
Internal ac fuse provided. Designed to blow only if a catastrophic failure oc-
curs in the unit—fuse does not blow on overload or short circuit.
Inrush is limited by internal thermistors. Inrush at 240 Vac,
averaged over the first ac half-cycle under cold start
conditions will not exceed 37 A.
50 WATT GLOBAL PERFORMANCE SWITCHERS
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Features:
D C P o w e r S u p p l i e s
SPECIFICATIONS
Temperature Coefficient
0.03%/°C typical on all outputs.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with noise
probe directly across output terminals of the power supply.
Transient Response
500 μs typical response time for return to within 0.5% of final value for a 50% load
step change. ∆i/∆t<0.2 A/μs. Maximum voltage deviation is 3.5%. Startup/shut-
down overshoot less than 3%.
Voltage Adjustment
Built-in potentiometer adjusts V1 ±5%.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions require-
ments:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GLC
Conducted Emissions GLM
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class B; FCC Class B
EN55011 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
• Cost-effective power source
• Universal input 90-264 Vac
• 2-year warranty
• Compact (4.25” x 2.50” x 1.25”; meets
1U applications)
• Overload and overvoltage protection
• Conducted EMI exceeds FCC Class B and
CISPR 22 Class B (Commercial models) and
CISPR 11 Class B (Medical models)
• Commercial UL/CSA/IEC60950-1, EN60950 approvals
• Medical UL/EN/IEC60601-1, CSA22.2 No. 601,
• RoHS compliant models available (G suffix)
•
marked to LVD
Commercial Leakage Current
160 μA 254 Vac @ 60 Hz input (with no deviations).
Commercial Safety
All GLC models are approved to UL1950, CSA22.2 No.
234 Level 3, IEC950 and EN60950.
Medical Leakage Current
100 μA 264 Vac @ 60 Hz input (normal conditions).
Medical Safety
All GLM50 models are approved to UL/EN/IEC60601-1, CSA22.2 No. 601.


Similar Part No. - GLM50G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLM50G SLPOWER-GLM50G Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GLM50G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
Commercial/Medical International Linears
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
Commercial/Medical International Linears
logo
FSP TECHNOLOGY INC.
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KKAM1 FSP-FSP135-KKAM1 Datasheet
126Kb / 1P
Medical PSU
FSP150-KBAM1 FSP-FSP150-KBAM1 Datasheet
147Kb / 1P
Medical PSU
logo
XP Power Limited
SDM XPPOWER-SDM Datasheet
516Kb / 4P
Medical Approvals
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Power System Technology
FAB0105003 PST-FAB0105003 Datasheet
255Kb / 3P
Medical
logo
Cherry Semiconductor Co...
MW-2800 CHERRY-MW-2800 Datasheet
54Kb / 2P
Industrial, Medical and Commercial Nema 4 rated Optical Mice with Scrolling buttons
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com