Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATAM894
Description  Read Protection for the EEPROM Program Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATAM894_14 Datasheet HTML 49Page - ATMEL Corporation ATAM894_14 Datasheet HTML 50Page - ATMEL Corporation ATAM894_14 Datasheet HTML 51Page - ATMEL Corporation ATAM894_14 Datasheet HTML 52Page - ATMEL Corporation ATAM894_14 Datasheet HTML 53Page - ATMEL Corporation ATAM894_14 Datasheet HTML 54Page - ATMEL Corporation ATAM894_14 Datasheet HTML 55Page - ATMEL Corporation ATAM894_14 Datasheet HTML 56Page - ATMEL Corporation ATAM894_14 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
53
4679D–4BMCU–05/05
ATAM894
Timer 3 – Mode 10: Manchester Demodulation/ Pulse-width Demodulation
For Manchester demodulation, the edge detection stage must be programmed to detect each
edge at the input. These edges are evaluated by the demodulator stage. The timer stage is used
to generate the shift clock for the SSI. The compare register 1 match event defines the correct
moment for shifting the state from the input T3I as the decoded bit into shift register - after that
the demodulator waits for the next edge to synchronize the timer by a reset for the next bit. The
compare register 2 can also be used to detect a time-out error and handle it with an interrupt
routine (see section “Combination Mode 8”).
Figure 6-33.
Manchester Demodulation
Timer 3 – Mode 11: Bi-phase Demodulation
In the Bi-phase demodulation mode, the timer operates like in Manchester demodulation mode.
The difference is that the bits are decoded via a toggle flip-flop. This flip-flop samples the edge in
the middle of the bit-frame and the compare register 1 match event shifts the toggle flip-flop out-
put into a shift register (see section “Combination Mode 9”).
Figure 6-34.
Bi-phase Demodulation
10
11
1
0
0
1
1
0
11
BIT 0BIT 1BIT 2BIT 3BIT 4
BIT 5
BIT 6
Synchronize
Manchester demodulation mode
Timer 3
mode
T3EX
SI
SR-DATA
T3I
CM31 = SCI
10
0
1
1
0
01
1
1
1
01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Bi-phase demodulation mode
Timer 3
mode
T3EX
Q1 = SI
CM31 = SCI
SR-DATA
00
0
0
T3I
Reset
Counter 3
10
1
0
1
0
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com