Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AT Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HDM8513AT
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AT Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HDM8513AT Datasheet HTML 18Page - Hynix Semiconductor HDM8513AT Datasheet HTML 19Page - Hynix Semiconductor HDM8513AT Datasheet HTML 20Page - Hynix Semiconductor HDM8513AT Datasheet HTML 21Page - Hynix Semiconductor HDM8513AT Datasheet HTML 22Page - Hynix Semiconductor HDM8513AT Datasheet HTML 23Page - Hynix Semiconductor HDM8513AT Datasheet HTML 24Page - Hynix Semiconductor HDM8513AT Datasheet HTML 25Page - Hynix Semiconductor HDM8513AT Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
22
3.3 Noise Measurement Circuit
When the DBS system is being installed in any place, the most difficult part of the installation is
accurate pointing of the antenna toward the satellite. Inaccurate pointing results in loss of margin
and greater potential for outages in adverse weather conditions. Existing systems use information
from the demodulator forward error correction circuits to provide a measure of antenna pointing.
Unfortunately, this method is useful over a range of only several dB above system threshold.
The HDM8513A employs a unique circuit for accurate measure of signal strength over a 20 dB
range of signal to noise ratio. This method, illustrated in the block diagram, makes use of the fact
that the demodulator provides 8 bits of resolution for each of the quadrature output components.
This high resolution provides a means of measuring the noise component with great accuracy.
The eight bit in-phase demodulator filter output is detected by an absolute value circuit, then
passed through an IIR to provide a measure of average signal amplitude. Each sample is then
subtracted from this average amplitude to provide an instantaneous noise sample. The absolute
value of these noise samples are then averaged by a second IIR to provide a measure of the noise
which is roughly proportional to the noise power and inversely proportional to signal to noise ratio.
Finally, the Figure 17 illustrates the results of simulations under different noise conditions. This
figure illustrates that for signal-to-noise ratio as high as 19 dB, the noise measurement circuit
provides a meaningful measure of signal power with worst case resolution of 1 dB.
Absolute
Value
R
255
256
8
16
8
Absolute
Value
R
255
256
8
16
8
In Phase
Component
Average
Magnitude
Instantaneous
Deviation
Average
Deviation
8
16
8
In Phase
Component
-
FIGURE 16: NOISE MEASUREMENT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com