Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-G550-PR Datasheet(PDF) 2 Page - Epson Company

Part # M-G550-PR
Description  IMU (Inertial Measurement Unit)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

M-G550-PR Datasheet(HTML) 2 Page - Epson Company

  M-G550-PR Datasheet HTML 1Page - Epson Company M-G550-PR Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
APPLICATIONS
•
Motion and Vibration Measurement
•
Platform Stabilization
•
Attitude Detection for Unmanned Systems
•
Vibration Control and Stabilization
OUTLINE DIMENSION
(millimeters)
Sensing System Operations Division
421-8 Hino, Hino-shi, Tokyo 191-8501, JAPAN
Phone: +81-42-587-8291
FAX: +81-42-587-5117
Document code: 412528600
First issue April, 2013 in Japan
Rev.20130425
NOTICE:
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson.
Seiko Epson reserves the right to make changes to this material without notice.
Seiko Epson does not assume any liability of any kind
arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no
representation that this material is applicable to products requiring high level reliability, such as, medical products.
Moreover, no license
to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in
accordance with this material will be free from any patent or copyright infringement of a third party.
This material or portions thereof may
contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan
and may require an export license from the Ministry of Economy, Trade and Industry or other approval from another government agency.
All brands or product names mentioned herein are trademarks and/or registered trademarks of their respective companies.
©Seiko Epson Corporation 2013, All rights reserved
Serial No.
Z
X
Y
Reference Plane
9(m ax)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com