Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C4060 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GMS87C4060
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C4060 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GMS87C4060 Datasheet HTML 1Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 2Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 3Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 4Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 5Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 6Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 7Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 8Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
HMS81C43xx / GMS87C4060
2
N ovem b er 2001 ver 1.2
• A/D Converter : 8bit x 6ch (TBD LSB)
• Pulse Width Modulation
- 14bit x 1ch
-
8bit x 2ch
•Timer
- Timer/Counter : 8bit x 4ch (16bit x 2ch)
- Basic interval timer : 8bit x 1ch
- Watch Dog Timer
• Number of Interrupt sources : 18
• On Screen Display
- Number of characters : 256
- Character size : 12 dots(X) x 16 dots(Y)
- Character display size : Large, Medium, Small
- DIsplay capability : 24Characters x 16 Lines
- Character, Back ground color : 8 kinds
- Special functions : Rounding, Outline,
Shadow, Half tone Background...
• Buzzer Driving port
- 250Hz ~ 125kHz @4MHz (Duty 50%)
• Operating Range : 4.5V to 5.5V
•
1.4 Development Tools
The HMS81C43xx/GMS87C4060 is supported by a full-
featured macro assembler / linker , OSD font editor, an in-
circuit emulator CHOICE-DrTM.
In Circuit Emulators
CHOICE-Dr.
(with EVA81C4xxx board)
Assembler / Linker
HYNIX’s Macro Assembler /
Linker
Font Editor
MS-Windows GUI version
Debugger
MS-Windows GUI version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com