Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS91C7432 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HMS91C7432
Description  HMS91C7432 features and functions
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C7432 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HMS91C7432 Datasheet HTML 1Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 2Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 3Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 4Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 5Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 6Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 7Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 8Page - Hynix Semiconductor HMS91C7432 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Hynix semiconductor
2
HMS91C7432 features and functions
z Implementation of the complete TCP/IP protocol suite
z Built-in Email sending and reception function.
z Standard SMTP protocol stack.
z Standard POP3 protocol stack.
z Standard PPP protocol stack to facilitate dial-up network log on.
z Standard DNS protocol stack, resolve URL with dynamic DNS server.
z Serial modem driver built-in.
z Support V.90 56Kflex modem or lower.
z 8 bit parallel interface to the user application.
z Serial DTE port for ease of modem interface.
z 5V or 3.3V operation voltage
z 20 pins SOP package
Detail description of HMS91C7432 function and its application
TCP/IP protocol suite is the key to inter-net
access. Email; Home Page materials and all
the data traffic on the inter-net are carry out
by using the TCP/IP well defined format.
Time before HMS91C7432 exist, most inter-
net connection were to be handled by the PC.
Hand held devices and equipments must be
attached to the PC to get access to the
inter-net. Now the era of “PC-free” inter-net
connection has come. With HMS91C7432,
you can make your product be able to send
and receive email; surf on the WWW and
even “TALK” to another device through the
inter-net, by just plugging the telephone line
onto it.
The core of the HMS91C7432 is a complete
TCP/IP protocol suite. Files and messages
pass to the HMS91C7432 will be transformed
into the appropriate format and packets to
conform the inter-net standard. This
transformation is transparent to the user’s
application.
On top of the TCP/IP core, there is an Email
engine built-in. User’s program just needed
to inform the HMS91C7432 an email is going
to send and follow with the email body.
HMS91C7432 will then wake up the modem
and dial the ISP to log on the mail server. The
mail will be sent when log on has success.
HMS91C7432 complete this whole process
fully automatic.
Reception of Email is as simple as getting
email on the PC. The application program
send a “Receive Email” command to the
HMS91C7432, it dial up the ISP and log on
the server, then it check and download any
email automatically. Each message will be
stored in the RAM buffer, HMS91C7432 will
notify the application program an email has
come and waiting for retrieve.
The built-in PPP module handles the “Log on
process”. This is a standard protocol to pass
the user’s account ID and the password to
the ISP. This module handles the
authentication and “Handshaking”. User’s
program just pass the user’s ID and
password to HMS91C7432 and the PPP do it
all.
HMS91C7432 (later version only) also equip
with a FTP module to facilitate file transfer
and file downloading from the FTP site. This
function is especially good for remote system
update and game download for hand-held
game inter-net access.
The standard serial DTE interface on the
HMS91C7432 ease the modem connection.
The built-in modem driver support V.90 and
56K flex dual modem or lower.
HMS91C7432 is controlled by an 8 bit
data/command port. This port accepts
command passed by the host MCU.
Incoming and outgoing message will be
passed between the host and the
HMS91C7432 through this port as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com