Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC03DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC03DB
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC03DB Datasheet HTML 1Page - NXP Semiconductors 74HC03DB Datasheet HTML 2Page - NXP Semiconductors 74HC03DB Datasheet HTML 3Page - NXP Semiconductors 74HC03DB Datasheet HTML 4Page - NXP Semiconductors 74HC03DB Datasheet HTML 5Page - NXP Semiconductors 74HC03DB Datasheet HTML 6Page - NXP Semiconductors 74HC03DB Datasheet HTML 7Page - NXP Semiconductors 74HC03DB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
December 1990
3
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 4, 9, 12
1A to 4A
data inputs
2, 5, 10, 13
1B to 4B
data inputs
3, 6, 8, 11
1Y to 4Y
data outputs
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
Fig.5 Logic diagram (one gate).
FUNCTION TABLE
Note
1. H = HIGH voltage level
L = LOW voltage level
Z = high impedance OFF-state
INPUTS
OUTPUT
nA
nB
nY
L
L
H
H
L
H
L
H
Z
Z
Z
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com