Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC0J152S Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EEUFC0J152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC0J152S Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EEUFC0J152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE66 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
2700 16
35.5
3150
0.016 5000
0.80
7.5
EEUFC1V272L
100
35
18
31.5
3635
0.016 5000
0.80
7.5
EEUFC1V272
50
3300 18
35.5
3680
0.015 5000
0.80
7.5
EEUFC1V332
50
3900 18
40
3735
0.014 5000
0.80
7.5
EEUFC1V392
50
1.0 5
11
20
2.40
1000
0.50
2.0
5.0
2.5
EEUFC1H1R0( )
200
2000
2.2 5
11
45
1.80
1000
0.50
2.0
5.0
2.5
EEUFC1H2R2( )
200
2000
3.3 5
11
65
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H3R3( )
200
2000
4.7 5
11
95
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H4R7( )
200
2000
10
4
11
90
2.50
1000
0.45
1.5
5.0
2.5
EEUFC1H100( )
200
2000
5
11
125
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H100L( )
200
2000
12
5
11
135
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H120( )
200
2000
15
5
11
145
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H150( )
200
2000
18
5
11
155
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H180( )
200
2000
22
5
11
155
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H220( )
200
2000
27
5
15
215
0.90
1000
0.50
2.0
5.0
2.5
EEUFC1H270( )
200
2000
33
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H330( )
200
2000
39
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H390( )
200
2000
47
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H470( )
200
2000
56
6.3
15
360
0.40
1000
0.50
2.5
5.0
2.5
EEUFC1H560( )
200
2000
68
8
11.5
485
0.234 2000
0.60
3.5
5.0
EEUFC1H680( )
200
1000
82
8
11.5
485
0.234 2000
0.60
3.5
5.0
EEUFC1H820( )
200
1000
100 10
12.5
615
0.162 3000
0.60
5.0
5.0
EEUFC1H101( )
200
500
120
8
15
635
0.155 2000
0.60
3.5
5.0
EEUFC1H121L( )
200
1000
10
12.5
615
0.162 3000
0.60
5.0
5.0
EEUFC1H121( )
200
500
150 10
16
850
0.119 3000
0.60
5.0
5.0
EEUFC1H151( )
200
500
180
8
20
860
0.120 2000
0.60
3.5
5.0
EEUFC1H181L( )
200
1000
10
16
850
0.119 3000
0.60
5.0
5.0
EEUFC1H181( )
200
500
220 10
20
1030
0.090 3000
0.60
5.0
5.0
EEUFC1H221( )
200
500
12.5
15
1150
0.110 5000
0.60
5.0
5.0
EEUFC1H221S( )
200
500
270 10
25
1200
0.082 3000
0.60
5.0
5.0
EEUFC1H271( )
200
500
330 10
30
1610
0.060 3000
0.60
5.0
EEUFC1H331L
100
12.5
20
1480
0.063 5000
0.60
5.0
5.0
EEUFC1H331( )
200
500
390 12.5
20
1480
0.063 5000
0.60
5.0
5.0
EEUFC1H391( )
200
500
16
15
1610
0.080 5000
0.80
7.5
7.5
EEUFC1H391S( )
100
250
470 10
30
1610
0.060 3000
0.60
5.0
EEUFC1H471L
100
12.5
25
1832
0.050 5000
0.60
5.0
5.0
EEUFC1H471( )
200
500
560 12.5
25
1832
0.050 5000
0.60
5.0
5.0
EEUFC1H561( )
200
500
18
15
1900
0.068 5000
0.80
7.5
7.5
EEUFC1H561S( )
100
250
680 12.5
30
2215
0.040 5000
0.80
5.0
EEUFC1H681L
100
16
20
1835
0.048 5000
0.80
7.5
7.5
EEUFC1H681( )
100
250
820 12.5
35
2285
0.034 5000
0.80
5.0
EEUFC1H821L
100
18
20
2420
0.042 5000
0.80
7.5
7.5
EEUFC1H821( )
100
250
1000 12.5
40
2590
0.030 5000
0.80
5.0
EEUFC1H102L
100
16
25
2235
0.034 5000
0.80
7.5
7.5
EEUFC1H102( )
100
250
50
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQ’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
i
B
i
H
Endur-
ance
Mar. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com