Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9108-10CS8 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9108-10CS8
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9108-10CS8 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9108-10CS8 Datasheet HTML 1Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 2Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 3Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 4Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 5Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 6Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 7Page - Integrated Circuit Systems ICS9108-10CS8 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Electrical Characteristics at 3.3V
(Operating VDD = +3.0V to +3.7V; TA =0
°C to 70°C unless otherwise stated)
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.20VDD
V
Input High Voltage
VIH
0.7VDD
-
-
V
Input Low Current
IIL
VIN=0V
-
2.5
7.0
µA
Input High Current
IIH
VIN=VDD
-2.0
-
2.0
µA
Output Low Voltage
VOL
IOL=6mA
-
0.15
0.1
V
Output High Voltage
VOH
IOH=-5mA
0.85
0.92
-
V
Output Low Current
IOL
VOL=0.2VDD
15.0
22.0
-
mA
Output High Current
IOH
VOL=0.7VDD
-
-17.0
-10.0
mA
Supply Current
ICC
Unloaded, 50 MHz
-
22.0
40.0
mA
Supply Current
ICC
(PD low)
Unload, Logic Inputs 000
-
13.0
40.0
µA
Supply Current
ICC
(PD low)
Unload, Logic Inputs 111
-
4.0
12.0
µA
Pull-up Resistor
Rpu
-
550.0
900.0
k ohms
AC Characteristics
Rise Time 20% to 80%, Note 1
Tr
15pf load
-
2.2
3.5
ns
Fall Time 80% to 20%
Tf
15pf load
-
1.2
2.5
ns
Duty Cycle
Dt
15pf load @ 50%
40.0
46.0
60.0
%
Jitter, One Sigma
Tjis
From 25 to 85 MHz
-
50.0
150.0
ps
Jitter, One Sigma
Tjis
From 14 to 20 MHz
100.0
200.0
ps
Jitter, One Sigma
Tjis
From 14 to Below
0.4
1.0
%
Jitter, Absolute
Tjab
From 25 to 85 MHz
-250.0
250.0
ps
Jitter, Absolute
Tjab
From 14 to 20 MHz
-500.0
500.0
ps
Jitter, Absolute
Tjab
From 14 to Below
1.0
3.0
%
Input Frequency
Fi
13.3
14.3
15.3
MHz
Output Frequency
Fo
2.0
-
90.0
MHz
Power-up Time, Note 1
Tpu
-
7.58
18.0
ms
Transition Time, Note 1
Tft
8 to 66.6 MHz
-
6.0
13.0
ms
Parameter is guaranteed by design and characterization.
AV9108
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com