Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # AV9155
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9155 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  AV9155 Datasheet HTML 1Page - Integrated Circuit Systems AV9155 Datasheet HTML 2Page - Integrated Circuit Systems AV9155 Datasheet HTML 3Page - Integrated Circuit Systems AV9155 Datasheet HTML 4Page - Integrated Circuit Systems AV9155 Datasheet HTML 5Page - Integrated Circuit Systems AV9155 Datasheet HTML 6Page - Integrated Circuit Systems AV9155 Datasheet HTML 7Page - Integrated Circuit Systems AV9155 Datasheet HTML 8Page - Integrated Circuit Systems AV9155 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AV9155
Pin Configuration
20-Pin DIP or SOIC
20-Pin DIP or SOIC
Pin Descriptions for AV 9155-01, 9155-02
PIN
NUM BER
PIN N AM E
TYPE
DESC RIPTIO N
1
1.843 M Hz
O utput
1.84 M Hz clock output.
2
X2
O utput
C rystal connection.
3
X1
Input
C rystal connection.
4
VDD
-
Digital power supply (3.3V or 5.0V).
5
GN D
-
Digital Ground.
6
16 M Hz/32 M Hz
O utput
16 M Hz (-01) or 32 M Hz (-02) clock output.
7
24 M Hz
O utput
24 M Hz floppy disk/combination I/O clock output.
8
12 M Hz
O utput
12 M Hz keyboard clock output.
9
AGN D
-
Analog ground (original version).
10
O E
Input
O utput enable. Tristates all outputs when low. (Has internal pull-up.)
11
FS2
Input
C PU clock frequency select #2. (Has internal pull-up.)
12
PD#
Input
Power-down. Shuts off entire chip when low. (Has internal pull-up.)
13
14.318 M Hz
O utput
14.318 M Hz reference clock output.
14
14.318 M Hz
O utput
14.318 M Hz reference clock output.
15
GN D
-
Digital ground.
16
VDD
-
Digital power supply (3.3V or 5.0V).
17
2XC PU
O utput
2X C P U clock output.
18
C PU
O utput
1X C PU clock output.
19
FS1
Input
C PU clock frequency select #1. (Has internal pull-up.)
20
FS0
Input
C PU clock frequency select #0. (Has internal pull-up.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com