Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG7050ECN Datasheet(PDF) 2 Page - Epson Company

Part # VG7050ECN
Description  Programmable Voltage Controlled Oscillator (VCXO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

VG7050ECN Datasheet(HTML) 2 Page - Epson Company

  VG7050ECN Datasheet HTML 1Page - Epson Company VG7050ECN Datasheet HTML 2Page - Epson Company VG7050ECN Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crystal oscillator
Block diagram
OE Function / OE Standby Type
OE Function
OE Standby Type
Frequency output
OE pin
Oscillator Stop
OE pin
OUT,OUTN state
H: Active High
Z: High-Z
“H” or “OPEN”
“L”
High Impedance
L: Active Low
“L” or “OPEN”
“H”
H: Active High
F: Fix
“H” or “OPEN”
“L”
OUT=”L”, OUTN=”H”
L: Active Low
“L” or “OPEN”
“H”
External dimensions
(Unit: mm)
Footprint (Recommended)
(Unit: mm)
Pin
Connection
1
Vc
2
OE
3
GND
4
OUT
5
OUTN
6
Vcc
7
SDA
8
SCL
9
FSEL0
10
FSEL1
In order to achieve optimum jitter performance, it is
recommended that the capacitor (0.1 μF + 10 μF)
between VCC and GND pin should be placed as close to
the VCC pin as possible.
E SM200001
○
CHZ3XFC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com