Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9155-01N14L Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9155-01N14L
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-01N14L Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9155-01N14L Datasheet HTML 2Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 9Page - Integrated Circuit Systems ICS9155-01N14L Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AV9155
Electrical Characteristics at 5V
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
product reliability.
VDD = 4.0 to 5.5V (5V +10%/-20%); TA=0°C to 70°C unless otherwise stated
Notes:
1All clocks onAV9155-xx running at highest possible frequencies. Power supply current can change substantially with different
mask configurations. Consult ICS.
PARAMETER
SYMBOL
TEST CONDiTIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
VDD=5V
0.8
V
Input High Voltage
VIH
VDD=5V
2.0
V
Input Low Current
ILL
VIN=0V
-1 5uA
µA
Input High Current
IIH
VIN=VDD
5µA
Output Low Voltage
VOL
IOL=4mA
0.4
V
Output High Voltage
VOH
IOH=-lnlA, VDD=5.OV
VDD-.4V
V
Output High Voltage
VOH
IOH=-4nIA, VDD=5.OV
VDD-.8V
V
Output High Voltage
VOH
I H=-8mA
2.4
V
Supply Current
Icc
No load
1
40
80
mA
Supply Current, Power-Down
ICDSTBY
No load
0.7
1.5
mA
Output Frequency Changeover
Supply and Temperature
FD
With respect to typical frequency
0.002
0.01
%
Short circuit current
Isc
Each output clock
25
40
mA
Pull-up resistor value
Rpu680
k
Ω
Input Capacitance
Ci
Except Xl, X2
10
p
Load Capacitance
CL
Pins Xl, X2
20
Output Rise time, 0.8 to 2.0V
tr
25pF load
-
1
2
ns
Rise time, 20% to 80% VDD
tr
25pF load
-
2
4
ns
Output Fall time, 2.0 to 0.8V
tr
25pF load
-
1
2
ns
Fall time, 80% to 20% VDD
tf
25pF load
-
2
4
ns
Duty cycle
dt
25pF load
40/60
48/52
60/40
%
Duty cycle, reference clocks
dt
25pF load
40/60
43/57
60/40
%
Jitter, one sigma
fji1s
As compared with clock period
0.8
2.5
%
Jitter, absolute
tjab
16-100 MHz clocks
2
5
%
Jitter, absolute
tjab
700
ps
Input Frequency
fi
14.318
MHz
Clock skew between CPUand
2XCPU outputs
Tsk
0.5
1
ns
Frequency Transition time
tft
From 8 to 100 MHz
15
20
ms
DC Characteristics
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com