Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1522M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1522M
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1522M Datasheet HTML 1Page - Integrated Circuit Systems ICS1522M Datasheet HTML 2Page - Integrated Circuit Systems ICS1522M Datasheet HTML 3Page - Integrated Circuit Systems ICS1522M Datasheet HTML 4Page - Integrated Circuit Systems ICS1522M Datasheet HTML 5Page - Integrated Circuit Systems ICS1522M Datasheet HTML 6Page - Integrated Circuit Systems ICS1522M Datasheet HTML 7Page - Integrated Circuit Systems ICS1522M Datasheet HTML 8Page - Integrated Circuit Systems ICS1522M Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
ICS1522
ICS1522 Register Definition
REG#
BIT(S)
BIT REF.
DESCRIPTION
0
0-10
F[0:10]
Feedback Divider (Default=04F, Modulus=80) Divides the VCO
by the set modulus Modulus Range=64 to 2048;
Modulus=Value+1
1
0-7
LO[0:7]
Feedback Sync Pulse LO (Default=03) Feedback Divider output,
but with programmable phase; LO[0:7] <F[3:10].
2
0-7
HI[0:7]
Feedback Sync Pulse HI (Default=06) Feedback Divider output,
but with programmable phase; HI[0:7] <F[3:10].
3
0-9
R[0:9]
Reference Divider (Default=013, Modulus=20) Divides the
XTAL/EXTREF by the set modulus Modulus Range=1 to 1024;
Modulus=Value+1
3
1 0
REF_POL
External Reference Polarity (Default=0) 0=Positive Edge;
1=Negative Edge
4
0-2
VCO[0:2]
VCO Gain (Default=4)
VCO(2)
VCO(1)
VCO(0)
VCO GAIN
0
0
0
10 MHz/V
0
0
1
15 MHz/V
0
1
0
20 MHz/V
0
1
1
25 MHz/V
1
0
0
45 MHz/V
1
0
1
60 MHz/V
1
1
0
75 MHz/V
1
1
1
90 MHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com