Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523M Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1523M
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523M Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1523M Datasheet HTML 3Page - Integrated Circuit Systems ICS1523M Datasheet HTML 4Page - Integrated Circuit Systems ICS1523M Datasheet HTML 5Page - Integrated Circuit Systems ICS1523M Datasheet HTML 6Page - Integrated Circuit Systems ICS1523M Datasheet HTML 7Page - Integrated Circuit Systems ICS1523M Datasheet HTML 8Page - Integrated Circuit Systems ICS1523M Datasheet HTML 9Page - Integrated Circuit Systems ICS1523M Datasheet HTML 10Page - Integrated Circuit Systems ICS1523M Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
7
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
4.1 Register Set Summary (continued)
Reg.
Index
Name
Access
Bit Name
Bit #
Reset
Value
Description
Notes
0x6
Output
Enables
R / W
OE_Pck
0
0
Output Enable for PECL CLK (Pins 20, 21)
0=High Z, 1=Enabled
OE_Tck
1
0
Output Enable for STTL_3 CLK (Pin 17)
0=High Z, 1=Enabled
OE_P2
2
0
Output Enable for PECL CLK/2 (Pins 22, 23)
0=High Z, 1=Enabled
OE_T2
3
0
Output Enable for STTL_3 CLK/2 (Pin 16)
0=High Z, 1=Enabled)
OE_F
4
0
Output Enable for STTL_3 FUNC Output (Pin15)
0=High Z, 1=Enabled
Ck2_Inv
5
0
CLK/2 Invert (0=Not Inverted, 1= Inverted)
Out_Scl
6-7
0
CLK Scaler (pin 17)
Bit 7, 6 = (00 = ÷ 1, 01 = ÷ 2, 10 = ÷ 4, 11 = ÷ 8)
See Section 5, “Register Set Details”
0x7
Osc_Div
R / W
Osc_Div
0-6
0-6
0
Osc Divider modulus
See Section 6, “OSC Divider and REF”
In-Sel
7
1
Input Select
0=HSYNC Input, 1=Osc Divider
0x8
Reset
Write
DPA
0-3
x
Writing xAh resets DPA and loads working 0x5
PLL
4-7
x
Writing 5xh resets PLL and loads working 0x1- 0x3
0x10
Chip Ver
Read
Chip Ver
0-7
17
Chip Version 23 Dec (17h) as in 1523
0x11
Chip Rev
Read
Chip Rev
0-7
01
Initial value 01h. Value Increments with each all-layer change.
0x12
Rd_Reg
Read
Reserved
0
N/A
Reserved
PLL_Lock
1
N/A
PLL Lock Status
0=Unlocked, 1=Locked
Reserved
2-7
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com