Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523MT Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS1523MT
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523MT Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS1523MT Datasheet HTML 13Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 14Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 15Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 16Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 17Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 18Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 19Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 20Page - Integrated Circuit Systems ICS1523MT Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
21
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
Section 14 Package Dimensions
Figure 14-1 Physical Dimensions for
ICS1523
Section 15 Ordering Information
Note: “LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both
accuracy and reliability, Integrated Circuit Systems, Incorporated
(ICS) assumes no responsibility for either its use or for infringement
of any patents or other rights of third parties, which would result from
its use. No other circuits, patents, or licenses are implied. This
product is intended for use in normal commercial applications. Any
other applications such as those requiring extended temperature
range, high reliability, or other extraordinary environmental
requirements are not recommended without additional processing by
ICS. ICS reserves the right to change any circuitry or specifications
without notice. ICS does not authorize or warrant any ICS product for
use in life support devices or critical medical instruments
L ± .008
0.029
Typ.
0.018
0.296 ± 0.005
0.047R
Pin 1
5 Deg. Typ.
5 Deg. Typ. ± 5
0.328 ± 0.010
0.406 ± 0.010
0.015 x 45 Deg.
0.020
0.010
5 Deg Typ.
0.092 ± 0.005
0.041 ± 0.003
0.050
Pitch Typ.
0.008 ± 0.006
0.101 ± 0.010
24-pin SOIC (300 Mil Wide Body)
Part / Order Number
Marking
Package
Shipping Package
Temperature
ICS1523M
ICS1523M
24-pin SOIC
Tubes
0 to 70
°C
ICS1523MT
ICS1523M
24-pin SOIC
Tape and Reel
0 to 70
°C
ICS1523MLF
ICS1523MLF
24-pin SOIC
Tubes
0 to 70
°C
ICS1523MLFT
ICS1523MLF
24-pin SOIC
Tape and Reel
0 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com