Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523MLF Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS1523MLF
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523MLF Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS1523MLF Datasheet HTML 13Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 14Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 15Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 16Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 17Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 18Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 19Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 20Page - Integrated Circuit Systems ICS1523MLF Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
MDS 1523 Y
20
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
Table 13-5 Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still Air
67
°C/W
θ
JA
1 m/s air flow
56
°C/W
θ
JA
3 m/s air flow
51
°C/W
Thermal Resistance Junction to
Case
θ
JC
25
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com