Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1572 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1572
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1572 Datasheet HTML 4Page - Integrated Circuit Systems ICS1572 Datasheet HTML 5Page - Integrated Circuit Systems ICS1572 Datasheet HTML 6Page - Integrated Circuit Systems ICS1572 Datasheet HTML 7Page - Integrated Circuit Systems ICS1572 Datasheet HTML 8Page - Integrated Circuit Systems ICS1572 Datasheet HTML 9Page - Integrated Circuit Systems ICS1572 Datasheet HTML 10Page - Integrated Circuit Systems ICS1572 Datasheet HTML 11Page - Integrated Circuit Systems ICS1572 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
REG#
BIT(S)
BIT REF.
DESCRIPTION
9
0-1
P[0]..P[1]
Sets the gain of the phase detector according to this table.
9
3
[P2]
Phase detector tuning bit. Normally should be set to one.
11
0-1
S[0]..S[1]
PLL post-scaler/test mode select bits
11
2
AUX_CLK
When in the AUXEN clock mode, this bit controls the differential
outputs.
11
3
AUX_N1
When in the AUXEN clock mode, this bit controls the LOAD output
(and consequently the N2 output according to its programming).
12
0
RESERVED
Must be set to zero.
12
1
JAMPLL
Tristates phase detector outputs; resets phase detector logic, and
resets R, A, M, and N2 counters.
12
2
DACRST
Set to zero for normal operation. When set to one, the CLK+ output is
kept high and the CLK- output is kept low. (All other device functions are
unaffected.) When returned to zero, the CLK+ and CLK- outputs will
resume toggling on a rising edge of the LD output (+/- 1 CLK period).
To initiate a RAMDAC reset sequence, simply write a one to
this register bit followed by a zero.
12
3
SELXTAL
When set to logic 1, passes the reference frequency to the post-scaler.
15
0
ALTLOOP
Controls substitution of N1 and N2 dividers into feedback loop of PLL.
When this bit is a logic 1, the N1 and N2 dividers are used.
15
3
PDRSTEN
Phase-detector reset enable control bit. When this bit is set, the AD3
pin becomes a transparent reset input to the phase detector.
See LINE-LOCKED CLOCK GENERATION section for more
details on the operation of this function.
P[1]
P[0]
GAIN (uA/radian)
00
0.05
01
0.15
10
0.5
11
1.5
S[1] S[0]
DESCRIPTION
0
0
Post-scaler=1. F(CLK)=F(PLL). The output of the N1 divider drives
the LOAD output which, in turn, drives the N2 divider.
0
1
Post-scaler=2. F(CLK)=F(PLL)/2. The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
1
0
Post-scaler=4. F(CLK)=F(PLL)/4. The output of the N1 divider
drives the LOAD output which, in turn, drives the N2 divider.
1
1
AUXEN CLOCK MODE. The AUXCLK bit drives the differential
outputs CLK+ and CLK- and the AUXN1 bit drives the LOAD
output which, in turn, drives the N2 divider.
ICS1572
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com