Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1572M-101 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS1572M-101
Description  User Programmable Differential Output Graphics Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1572M-101 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS1572M-101 Datasheet HTML 9Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 10Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 11Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 12Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 13Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 14Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 15Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 16Page - Integrated Circuit Systems ICS1572M-101 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Pin Descriptions - ICS1572-101
PIN#
NAME
DESCRIPTION
13
CLK+
Clock out (non-inverted)
12
CLK
−
Clock out (inverted)
8
LOAD
Load output. This output is normally at the CLK frequency divided by N1.
3
XTAL1
Quartz crystal connection 1/external reference frequency input
4
XTAL2
Quartz crystal connection 2
2
AD0
Address/Data Bit 0 (LSB)
19
AD1
Address/Data Bit 1
18
AD2
Address/Data Bit 2
17
AD3
Address/Data Bit 3 (MSB)
9
LD/N2
Divided LOAD output. See text.
5
STROBE
Control for address/data latch
16
VDD
PLL system power (+5V. See application diagram.)
15
VDDO
Output stage power (+5V)
14
IPRG
Output stage current set
6,7
VSS
Device ground. Both pins must be connected to the same ground potential.
1,10,11,20
NC
Not connected
Pin Descriptions - ICS1572-301
PIN#
NAME
DESCRIPTION
13
CLK+
Clock out (non-inverted)
12
CLK
−
Clock out (inverted)
8
LOAD
Load output. This output is normally at the CLK frequency divided by N1.
3
XTAL1
Quartz crystal connection 1/external reference frequency input
4
XTAL2
Quartz crystal connection 2
5
DATCLK
Data Clock (Input)
19
DATA
Serial Register Data (Input)
18
HOLD~
HOLD (Input)
17
BLANK
Blanking (Input). See Text.
9
LD/N2
Divided LOAD output/shift clock. See text.
2
EXTFBK
External feedback connection for PLL (input). See text.
16
VDD
PLL system power (+5V. See application diagram.)
15
VDDO
Output stage power (+5V)
14
IPRG
Output stage current set
6,7
VSS
Device ground. Both pins must be connected.
1,10,11,20
NC
Not connected
ICS1572
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com