Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9172-03CC16 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # AV9172-03CC16
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9172-03CC16 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  AV9172-03CC16 Datasheet HTML 1Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 2Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 3Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 4Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 5Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 6Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 7Page - Integrated Circuit Systems AV9172-03CC16 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
AV9172
Ordering Information
ICS XXXX-PPP M X#W
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device
Example:
16-Pin PDIP Package
16-Pin SOIC Package
Part Number
Part Marking
Temperature
Package Type
AV9172-xxCC16
AV9172-XX
0°C to 70°C
16 Lead CERDIP
AV9172-xxCN16
AV9172-XX
0°C to 70°C
16 Lead Plastic DIP (300 mil)
AV9172-xxCW16
AV9172-XX
0°C to 70°C
16 Lead SOIC (300 mil)
AV9172-xxCS16
AV9172-XX
0°C to 70°C
16 Lead SOIC (150 mil)
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
C=CERDIP
N=DIP (Plastic#)
W=SOIC (300 mil)
S=SOIC (150 mil)
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com