Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM81 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90PWM81
Description  Data and non-volatile program memory
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90PWM81 Datasheet HTML 1Page - ATMEL Corporation AT90PWM81 Datasheet HTML 2Page - ATMEL Corporation AT90PWM81 Datasheet HTML 3Page - ATMEL Corporation AT90PWM81 Datasheet HTML 4Page - ATMEL Corporation AT90PWM81 Datasheet HTML 5Page - ATMEL Corporation AT90PWM81 Datasheet HTML 6Page - ATMEL Corporation AT90PWM81 Datasheet HTML 7Page - ATMEL Corporation AT90PWM81 Datasheet HTML 8Page - ATMEL Corporation AT90PWM81 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 327 page
background image
2
7734Q–AVR–02/12
AT90PWM81/161
– Power-on reset and programmable brown-out detection
– Flag array in bit-programmable I/O space (three bytes)
– In-system programmable via SPI port
– Internal low power calibrated RC oscillator (8MHz or 1MHz, low jitter)
– On chip PLL for fast PWM (32MHz, 48MHz, 64MHz) and CPU (12MHz, 16MHz); PLL source RC & XTAL
– Dynamic clock switch
– Temperature sensor
• Operating voltage: 2.7V - 5.5V
• Operating temperature:
– -40°C to +105°C or -40°C to +125°C
• Operating speed
– 5V: 16MHz core, 64MHz PLL
– 3.3V: 12MHz core, 48MHz PLL
1.
Products Configuration
The different product configurations are described per Table 1-1.
Notes:
1. Flash size is 8Kbytes for AT90PWM81 and 16Kbytes for AT90PWM161.
2. RAM size is 256 bytes for AT90PWM81 and 1024 bytes for AT90PWM161.
Table 1-1.
PWM81/PWM161 configurations.
Package
SO20
QFN32
Pins
20
32
Flash size
8/16K (1)
8/16K (1)
EEPROM size
512
512
RAM size
256/1024 (2)
256/1024 (2)
PSC 12 bits with extended features
1
1
PSC 12 bits
1
1
Timer 8 bits
-
-
Timer 16 bits
1
1
ADC inputs
8
11
Amplifiers for ADC
1
1
Temperature sensor
1
1
Analog Comparators
3
3
DAC
1
1
DAC amplifiers
-
-
UART/DALI
-
-
SPI
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com