Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA430 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MA430
Description  MA430 Series 400A Clamp Meters NCV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA430 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MA430 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
MA430 Series 400A
Clamp Meters + NCV
Compact size allows
measurements in tight
locations and Built-in
non-contact Voltage
detector with LED alert.
Three models to choose
from with True RMS
option and advanced
multimeter functions.
Features
•
Built-in non-contact Voltage detector with LED alert
•
Backlit LCD display
•
1.2" (30mm) jaw size for conductors up to 350MCM
•
True RMS models for MA430T/MA435T and multimeter
functions included on all clamp meters
•
CAT III - 600V rating
•
Data Hold
•
Low battery indication and Auto Power Off
•
Complete with test leads, general purpose Type K
bead wire temperature probe (for MA435T),
9V battery, and soft case
Specifications
MA430 / MA430T
MA435T
Basic Accuracy
Display counts
2000
4000
True RMS
— / Yes
Yes
AC Current (max res.)
400A (0.001A)
400A (0.01A)
±(2.5% + 8d)
DC Current (max res.)
—
400A (0.01A)
±(2.5% + 5d)
AC Voltage (max res.)
600V (0.1mV)
600V (0.1mV)
±(1.5% + 5d)
DC Voltage (max res.)
600V (0.1mV)
600V (0.1mV)
±(1.5% + 2d)
Resistance (max res.)
20MΩ (0.1Ω)
40MΩ (0.1Ω)
±(1.5% + 2d)
Frequency (max res.)
—
10Hz to 10kHz
±(1.5% + 2d)
Capacitance (max res.)
—
100µF (0.01nF)
±(3.0% + 5d)
Temperature (max res.)
—
-4 to 1400°F/-20 to 760°C (0.1°)
±(3% + 9°F/5°C)
Diode/ Continuity
Yes
Yes
Dimensions/ Weight
7.8x2.8x1.6" (197x70x40mm)/ 6.5oz (183g)
Ordering
MA430 .............. 400A AC Clamp Meter + NCV
MA430T ............ 400A True RMS AC Clamp Meter + NCV
MA435T ............ 400A True RMS AC/DC Clamp Meter + NCV
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 10/10/13


Similar Part No. - MA430

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA4300 PANASONIC-MA4300 Datasheet
76Kb / 6P
Silicon planar type
MA4300 PANASONIC-MA4300 Datasheet
107Kb / 7P
Silicon planar type
logo
Tyco Electronics
MA43000 MACOM-MA43000 Datasheet
77Kb / 4P
Step Recovery Diodes
MA43000 MACOM-MA43000 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA43000 MA-COM-MA43000 Datasheet
326Kb / 5P
Silicon Step Recovery Diodes
More results

Similar Description - MA430

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA410 EXTECH-MA410_15 Datasheet
267Kb / 1P
400A AC Clamp Meter NCV
MA410T EXTECH-MA410T_15 Datasheet
247Kb / 1P
400A AC True RMS Clamp Meter NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
MA430 Series 400A Clamp Meters NCV
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
EX613 EXTECH-EX613_15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
400A AC and AC/DC Clamp Meters
EX622 EXTECH-EX622_15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
EX623-15 EXTECH-EX623-15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com