Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008BEP Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS2008BEP
Description  SMPTE Time Code Receiver/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2008BEP Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS2008BEP Datasheet HTML 6Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 7Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 8Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 9Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 10Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 11Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 12Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 13Page - Integrated Circuit Systems ICS2008BEP Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ICS2008B
10
ICS2008B Rev D 4/05/05
Timer Control Registers IR3C & IR3D
These two registers control the interrupt timer. It should be
noted that IR3C is a write only register, while IR3D is a read/
write register.
TMRVAL — These ten bits set the divider value for the inter-
rupt timer. The interrupt rate is the input clock rate divided by
the value plus one.
Interrupt Rate = CLOCK /(TMRVAL+1)
CLKSEL — This 2 bit field selects the clock source for the
interrupt timer. The 100 kHz input is actually 100.126 kHz. It
is the crystal frequency divided by 143.
RUN — This bit starts and stops the timer. When set to one,
the timer is running. When set to zero, the timer is stopped.
BLINK — This bit controls the upper dot of the right-most
colon in the burn-in-window. When set to zero, the upper dot
is on. When set to one, it is off. This feature can be used to
indicate odd and even fields in the time code display window.
WINATTR — These two bits control the color of the
characters and the background in the burn-in window. When
the most significant bit of this field is a one, the background is
the incoming video.
WINSIZ — This bit controls the size of the burn-in window.
The difference in size between a large and a normal-sized
window is 32 scan lines high, while a large window is 64 scan
lines high.
HSF (Head Switch Filter) — When set to one, this bit causes
the clamp circuit to ignore head switch transients and
horizontal sync during the last six to seven lines before the
vertical front porch. Otherwise, the clamp circuit responds
always.
LTC Soft Sync IR3F
IR3f is not a register at all. It is simply an address which,
when written and the LTC SYNC select is set for Soft SYNC,
generates LTC SYNC for the LTC transmitter.
Timer Value (w/o)
TMRVAL [7:0]
IR3C
7
6
5
4
3
2
1
0
Timer Control (r/w)
TMRVAL [9:8]
Reserved
CLKSEL
(00-LXCLK, 01-LRCLK)
(10-reserved, 11-100 kHz)
RUN (1-run, 0-stop)
IR3D
7
6
5
4
3
2
1
0
Burn-in Window Attributes
BLINK [1-blink, 0 -stable]
WINATTR
(00 -white on black)
(01-black on white)
(10-white on background)
(11-black on background)
(10-reserved, 11-100 kHz)
WINSIZE
(1-large, 0-normal)
HSF (1-enable, 0-disable)
Reserved
IR3E
LTC Soft SYNC (w/o, no data)
7
6
5
4
3
2
1
0
IR3F
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com