Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2572M Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS2572M
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572M Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS2572M Datasheet HTML 2Page - Integrated Circuit Systems ICS2572M Datasheet HTML 3Page - Integrated Circuit Systems ICS2572M Datasheet HTML 4Page - Integrated Circuit Systems ICS2572M Datasheet HTML 5Page - Integrated Circuit Systems ICS2572M Datasheet HTML 6Page - Integrated Circuit Systems ICS2572M Datasheet HTML 7Page - Integrated Circuit Systems ICS2572M Datasheet HTML 8Page - Integrated Circuit Systems ICS2572M Datasheet HTML 9Page - Integrated Circuit Systems ICS2572M Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PATTERN
ICS2572-01
Reference Divider
43
VCLK ADDR
FbkDiv/PostDiv - FVCLK(MHz)
0
300/1- 99.89
1
378/1 - 125.87
2
277/1 - 92.24
3
432/4 - 35.96
4
302/2 - 50.28
5
340/2 - 56.61
6
EXTFREQ-
7
270/2 - 44.95
8
405/1 - 134.86
9
384/4 - 31.97
A
330/1 - 109.88
B
481/2 - 80.08
C
479/4 - 39.87
D
270/2 - 44.95
E
450/2 - 74.92
F
390/2 - 64.93
MCLK ADDR
FbkDiv/PostDiv - FMCLK
0
481/4 - 40.04
1
270/2 - 44.95
2
396/4 - 32.97
3
300/2 - 49.95
Ordering Information
ICS2572N-SXX or ICS2572M-SXX (0.300" DIP or SOIC Package)
Example:
ICS XXXX N-SXX
S=Strobe Option/XX=Default Frequencies
Package Type
N=DIP (Plastic)
M=SOIC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
Where:
“s” denotes strobe option:
A - positive level transparent (i.e., 2494 interface compatible)
“xx” denotes default frequencies:
B - negative level transparent
C - positive edge triggered
D - negative edge triggered
ICS2572
E-103



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com